Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS2000-CP Datasheet(PDF) 33 Page - Cirrus Logic

Part # CS2000-CP
Description  Fractional-N Clock Synthesizer & Clock Multiplier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS2000-CP Datasheet(HTML) 33 Page - Cirrus Logic

Back Button CS2000-CP Datasheet HTML 28Page - Cirrus Logic CS2000-CP Datasheet HTML 29Page - Cirrus Logic CS2000-CP Datasheet HTML 30Page - Cirrus Logic CS2000-CP Datasheet HTML 31Page - Cirrus Logic CS2000-CP Datasheet HTML 32Page - Cirrus Logic CS2000-CP Datasheet HTML 33Page - Cirrus Logic CS2000-CP Datasheet HTML 34Page - Cirrus Logic CS2000-CP Datasheet HTML 35Page - Cirrus Logic CS2000-CP Datasheet HTML 36Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
CS2000-CP
DS761PP1
33
9. CALCULATING THE USER DEFINED RATIO
Note:
The software for use with the evaluation kit has built in tools to aid in calculating and converting the User
Defined Ratio. This section is for those who are not interested in the software or who are developing their
systems without the aid of the evaluation kit.
Most calculators do not interpret the fixed point binary representation which the CS2000 uses to define the output
to input clock ratio (see Section 5.3.1 on page 17); However, with a simple conversion we can use these tools to
generate a binary or hex value which can be written to the Ratio0-3 registers.
9.1
High Resolution 12.20 Format
To calculate the User Defined Ratio (RUD) to store in the register(s), divide the desired output clock frequen-
cy by the given input clock (CLK_IN or RefClk). Then multiply the desired ratio by the scaling factor of 220
to get the scaled decimal representation; then use the decimal to binary/hex conversion function on a cal-
culator and write to the register. A few examples have been provided in Table 5.
Table 5. Example 12.20 R-Values
9.2
High Multiplication 20.12 Format
To calculate the User Defined Ratio (RUD) to store in the register(s), divide the desired output clock frequen-
cy by the given input clock (CLK_IN). Then multiply the desired ratio by the scaling factor of 212 to get the
scaled decimal representation; then use the decimal to binary/hex conversion function on a calculator and
write to the register. A few examples have been provided in Table 6.
Table 6. Example 20.12 R-Values
Desired Output to Input Clock Ratio
(output clock/input clock)
Scaled Decimal
Representation =
(output clock/input clock)
• 220
Hex Representation of
Binary RUD
12.288 MHz/10 MHz=1.2288
1288490
00 13 A9 2A
11.2896 MHz/44.1 kHz=256
268435456
10 00 00 00
Desired Output to Input Clock Ratio
(output clock/input clock)
Scaled Decimal
Representation =
(output clock/input clock)
• 212
Hex Representation of
Binary RUD
12.288 MHz/60 Hz=204,800
838860800
32 00 00 00
11.2896 MHz/59.97 Hz =188254.127...
771088904
2D F5 E2 08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com