Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS2000-CP Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS2000-CP
Description  Fractional-N Clock Synthesizer & Clock Multiplier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS2000-CP Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS2000-CP Datasheet HTML 9Page - Cirrus Logic CS2000-CP Datasheet HTML 10Page - Cirrus Logic CS2000-CP Datasheet HTML 11Page - Cirrus Logic CS2000-CP Datasheet HTML 12Page - Cirrus Logic CS2000-CP Datasheet HTML 13Page - Cirrus Logic CS2000-CP Datasheet HTML 14Page - Cirrus Logic CS2000-CP Datasheet HTML 15Page - Cirrus Logic CS2000-CP Datasheet HTML 16Page - Cirrus Logic CS2000-CP Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
CS2000-CP
DS761PP1
13
5. APPLICATIONS
5.1
Timing Reference Clock Input
The low jitter timing reference clock (RefClk) can be provided by either an external reference clock or an
external crystal in conjunction with the internal oscillator. In order to maintain a stable and low-jitter PLL out-
put the timing reference clock must also be stable and low-jitter; the quality of the timing reference clock
directly affects the performance of the PLL and hence the quality of the PLL output.
5.1.1
Internal Timing Reference Clock Divider
The Internal Timing Reference Clock (SysClk) has a smaller maximum frequency than what is allowed on
the XTI/REF_CLK pin. The CS2000 supports the wider external frequency range by offering an internal
divider for RefClk. The RefClkDiv[1:0] bits should be set such that SysClk, the divided RefClk, then falls
within the valid range as indicated in Figure 7.
It should be noted that the maximum allowable input frequency of the XTI/REF_CLK pin is dependent
upon its configuration as either a crystal connection or external clock input. See the “AC Electrical Char-
acteristics” on page 8 for more details.
5.1.2
Crystal Connections (XTI and XTO)
An external crystal may be used to generate RefClk. To accomplish this, a 20 pF fundamental mode par-
allel resonant crystal must be connected between the XTI and XTO pins as shown in Figure 8. As shown,
nothing other than the crystal and its load capacitors should be connected to XTI and XTO. Please refer
to the “AC Electrical Characteristics” on page 8 for the allowed crystal frequency range.
Referenced Control
Register Location
RefClkDiv[1:0] ....................... “Reference Clock Input Divider (RefClkDiv[1:0])” on page 31
Figure 7. Internal Timing Reference Clock Divider
N
Internal Timing
Reference Clock
PLL Output
Fractional-N
Frequency
Synthesizer
Timing Reference
Clock Divider
÷1
÷2
÷4
XTI/REF_CLK
RefClkDiv[1:0]
8 MHz < SysClk < 18.75 MHz
8 MHz < RefClk <
Timing Reference Clock
50 MHz (XTI)
75 MHz (REF_CLK)
XTI
XTO
40 pF
40 pF
Figure 8. External Component Requirements for Crystal Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com