Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS2000-CP Datasheet(PDF) 32 Page - Cirrus Logic

Part # CS2000-CP
Description  Fractional-N Clock Synthesizer & Clock Multiplier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS2000-CP Datasheet(HTML) 32 Page - Cirrus Logic

Back Button CS2000-CP Datasheet HTML 28Page - Cirrus Logic CS2000-CP Datasheet HTML 29Page - Cirrus Logic CS2000-CP Datasheet HTML 30Page - Cirrus Logic CS2000-CP Datasheet HTML 31Page - Cirrus Logic CS2000-CP Datasheet HTML 32Page - Cirrus Logic CS2000-CP Datasheet HTML 33Page - Cirrus Logic CS2000-CP Datasheet HTML 34Page - Cirrus Logic CS2000-CP Datasheet HTML 35Page - Cirrus Logic CS2000-CP Datasheet HTML 36Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
CS2000-CP
32
DS761PP1
8.8
Function Configuration 2 (Address 17h)
8.8.1
Enable PLL Clock Output on Unlock (ClkOutUnl)
Defines the state of the PLL output during the PLL unlock condition.
8.8.2
Low-Frequency Ratio Configuration (LFRatioCfg)
Determines how to interpret the currently indexed 32-bit User Defined Ratio when the dynamic ratio based
Hybrid PLL Mode is selected (either manually or automatically, see section 5.3.6 on page 20).
Note:
When the static ratio based Frequency Synthesizer Mode is selected (either manually or auto-
matically), the currently indexed User Defined Ratio will always be interpreted as a 12.20 fixed point value,
regardless of the state of this bit.
8.9
Function Configuration 3 (Address 1Eh)
8.9.1
Clock Input Bandwidth (ClkIn_BW[2:0])
Sets the minimum loop bandwidth when locked to CLK_IN.
Note:
In order to guarantee that a change in minimum bandwidth takes effect, these bits must be set
prior to acquiring lock (removing and re-applying CLK_IN can provide the unlock condition necessary to
initiate the setting change). In production systems these bits should be configured with the desired values
prior to setting the EnDevCfg bits; this guarantees that the setting takes effect prior to acquiring lock.
76543210
Reserved
Reserved
Reserved
ClkOutUnl
LFRatioCfg
Reserved
Reserved
Reserved
ClkOutUnl
Clock Output Enable Status
0
Clock outputs are driven ‘low’ when PLL is unlocked.
1
Clock outputs are always enabled (results in unpredictable output when PLL is unlocked).
Application:
“PLL Clock Output” on page 22
LFRatioCfg
Ratio Bit Encoding Interpretation when Input Clock Source is CLK_IN
0
20.12 - High Multiplier.
1
12.20 - High Accuracy.
Application:
“User Defined Ratio (RUD), Hybrid PLL Mode” on page 17
76543210
Reserved
ClkIn_BW2
ClkIn_BW1
ClkIn_BW0
Reserved
Reserved
Reserved
Reserved
ClkIn_BW[2:0]
Minimum Loop Bandwidth
000
1 Hz
001
2 Hz
010
4 Hz
011
8 Hz
100
16 Hz
101
32 Hz
110
64 Hz
111
128 Hz
Application:
“Adjusting the Minimum Loop Bandwidth for CLK_IN” on page 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com