Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS2000-CP Datasheet(PDF) 29 Page - Cirrus Logic

Part # CS2000-CP
Description  Fractional-N Clock Synthesizer & Clock Multiplier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS2000-CP Datasheet(HTML) 29 Page - Cirrus Logic

Back Button CS2000-CP Datasheet HTML 25Page - Cirrus Logic CS2000-CP Datasheet HTML 26Page - Cirrus Logic CS2000-CP Datasheet HTML 27Page - Cirrus Logic CS2000-CP Datasheet HTML 28Page - Cirrus Logic CS2000-CP Datasheet HTML 29Page - Cirrus Logic CS2000-CP Datasheet HTML 30Page - Cirrus Logic CS2000-CP Datasheet HTML 31Page - Cirrus Logic CS2000-CP Datasheet HTML 32Page - Cirrus Logic CS2000-CP Datasheet HTML 33Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
CS2000-CP
DS761PP1
29
8.3.3
Auxiliary Output Source Selection (AuxOutSrc[1:0])
Selects the source of the AUX_OUT signal.
Note:
When set to 11, AuxLckCfg sets the polarity and driver type (“AUX PLL Lock Output Configura-
tion (AuxLockCfg)” on page 31).
8.3.4
Enable Device Configuration Registers 1 (EnDevCfg1)
This bit, in conjunction with EnDevCfg2, enables control port mode. Both bits must be set to 1 during ini-
tialization.
Note:
EnDevCfg2 must also be set to enable control port mode (“SPI / I²C Control Port” on page 24).
8.4
Device Configuration 2 (Address 04h)
8.4.1
Auto R-Modifier Enable (AutoRMod)
Controls the automatic ratio modifier function.
8.4.2
Lock Clock Ratio (LockClk[1:0])
Selects one of the four stored User Defined Ratios for use in the dynamic ratio based Hybrid PLL Mode.
AuxOutSrc[1:0]
Auxiliary Output Source
00
RefClk.
01
CLK_IN.
10
CLK_OUT.
11
PLL Lock Status Indicator.
Application:
“Auxiliary Output” on page 22
EnDevCfg1
Register State
0
Disabled.
1
Enabled.
Application:
“SPI / I²C Control Port” on page 24
76543210
Reserved
Reserved
Reserved
Reserved
AutoRMod
LockClk1
LockClk0
FracNSrc
AutoRMod
Automatic R-Mod State
0
Disabled.
1
Enabled.
Application:
“Automatic Ratio Modifier (Auto R-Mod) - Hybrid PLL Mode Only” on page 18
LockClk[1:0]
CLK_IN Ratio Selection
00
Ratio 0.
01
Ratio 1.
10
Ratio 2.
11
Ratio 3.
Application:
Section 5.3.2 on page 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com