Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS2000-CP Datasheet(PDF) 30 Page - Cirrus Logic

Part # CS2000-CP
Description  Fractional-N Clock Synthesizer & Clock Multiplier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS2000-CP Datasheet(HTML) 30 Page - Cirrus Logic

Back Button CS2000-CP Datasheet HTML 26Page - Cirrus Logic CS2000-CP Datasheet HTML 27Page - Cirrus Logic CS2000-CP Datasheet HTML 28Page - Cirrus Logic CS2000-CP Datasheet HTML 29Page - Cirrus Logic CS2000-CP Datasheet HTML 30Page - Cirrus Logic CS2000-CP Datasheet HTML 31Page - Cirrus Logic CS2000-CP Datasheet HTML 32Page - Cirrus Logic CS2000-CP Datasheet HTML 33Page - Cirrus Logic CS2000-CP Datasheet HTML 34Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
CS2000-CP
30
DS761PP1
8.4.3
Fractional-N Source for Frequency Synthesizer (FracNSrc)
Selects static or dynamic ratio mode when auto clock switching is disabled.
8.5
Global Configuration (Address 05h)
8.5.1
Device Configuration Freeze (Freeze)
Setting this bit allows writes to the Device Control and Device Configuration registers (address 02h - 04h)
but keeps them from taking effect until this bit is cleared.
8.5.2
Enable Device Configuration Registers 2 (EnDevCfg2)
This bit, in conjunction with EnDevCfg1, enables control port mode. Both bits must be set to 1 during ini-
tialization.
Note:
EnDevCfg1 must also be set to enable control port mode (“SPI / I²C Control Port” on page 24).
8.6
Ratio 0 - 3 (Address 06h - 15h)
These registers contain the User Defined Ratios as shown in the “Register Quick Reference” section on
page 26. Each group of 4 registers forms a single 32-bit ratio value as shown above. See “Output to Input
Frequency Ratio Configuration” on page 17 and “Calculating the User Defined Ratio” on page 33 for more
details.
FracNSrc
Fractional-N Source Selection
0
Static Ratio directly from REFF for Frequency Synthesizer Mode
1
Dynamic Ratio from Digital PLL for Hybrid PLL Mode
Application:
“Fractional-N Source Selection” on page 20
76543210
Reserved
Reserved
Reserved
Reserved
Freeze
Reserved
Reserved
EnDevCfg2
FREEZE
Device Control and Configuration Registers
0
Register changes take effect immediately.
1
Modifications may be made to Device Control and Device Configuration registers (registers 02h-04h) without
the changes taking effect until after the FREEZE bit is cleared.
EnDevCfg2
Register State
0
Disabled.
1
Enabled.
Application:
“SPI / I²C Control Port” on page 24
76543210
MSB
...................................................................................................................................................
MSB-7
MSB-8
...................................................................................................................................................
MSB-15
LSB+15
...................................................................................................................................................
LSB+8
LSB+7
...................................................................................................................................................
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com