Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS2000-CP Datasheet(PDF) 21 Page - Cirrus Logic

Part # CS2000-CP
Description  Fractional-N Clock Synthesizer & Clock Multiplier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS2000-CP Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CS2000-CP Datasheet HTML 17Page - Cirrus Logic CS2000-CP Datasheet HTML 18Page - Cirrus Logic CS2000-CP Datasheet HTML 19Page - Cirrus Logic CS2000-CP Datasheet HTML 20Page - Cirrus Logic CS2000-CP Datasheet HTML 21Page - Cirrus Logic CS2000-CP Datasheet HTML 22Page - Cirrus Logic CS2000-CP Datasheet HTML 23Page - Cirrus Logic CS2000-CP Datasheet HTML 24Page - Cirrus Logic CS2000-CP Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
CS2000-CP
DS761PP1
21
5.3.7
Ratio Configuration Summary
The RUD is the user defined ratio for which up to four different values (Ratio0-3) can be stored in the reg-
ister space. The RSel[1:0] or LockClk[1:0] bits then select the user defined ratio to be used (depending
on if static or dynamic ratio mode is to be used). The resolution for the RUD is selectable, for the dynamic
ratio mode, by setting LFRatioCfg. R-Mods can be applied to both modes whereas Auto R-Mod is only
available in dynamic mode. The user defined ratio, ratio modifier, and automatic ratio modifier make up
the effective ratio REFF, the final calculation used to determine the output to input clock ratio. The effective
ratio is then corrected for the internal dividers. The frequency synthesizer’s fractional-N source selection
is made between the static ratio (in frequency synthesizer mode) or the dynamic ratio generated from the
digital PLL (in Hybrid PLL mode) by either the FracNSrc bit for manual mode or the presence of CLK_IN
in automatic mode. The conceptual diagram in Figure 14 summarizes the features involved in the calcu-
lation of the ratio values used to generate the fractional-N value which controls the Frequency Synthesiz-
er.
Figure 14. Ratio Feature Summary
Referenced Control
Register Location
Ratio0-3.................................“Ratio 0 - 3 (Address 06h - 15h)” on page 30
RSel[1:0] ...............................“Ratio Selection (RSel[1:0])” on page 28
LockClk[1:0] .......................... “Lock Clock Ratio (LockClk[1:0])” section on page 29
LFRatioCfg ............................ “Low-Frequency Ratio Configuration (LFRatioCfg)” on page 32
RModSel[2:0] ........................ “R-Mod Selection (RModSel[2:0])” section on page 28
AutoRMod .............................“Auto R-Modifier Enable (AutoRMod)” on page 29
FsDet[1:0]..............................“PLL Input Sample Rate Indicator (FsDet[1:0]) - Read Only” section on page 27
RefClkDiv[1:0] ....................... “Reference Clock Input Divider (RefClkDiv[1:0])” on page 31
FracNSrc ............................... “Fractional-N Source for Frequency Synthesizer (FracNSrc)” section on page 30
Effective Ratio REFF
Ratio Format
Frequency Reference Clock
(CLK_IN)
SysClk
PLL Output
Frequency
Synthesizer
Digital PLL &
Fractional N Logic
R Correction
N
Ratio 0
Ratio 1
Ratio 2
Ratio 3
12.20
20.12
12.20
only
RSel[1:0]
LockClk[1:0]
LFRatioCfg
Ratio
Modifier
RModSel[2:0]
Ratio
Modifier
Auto
R-Mod
AutoRMod
FsDet[1:0]
CLK_IN sense
(auto selection)
RSel[1:0] =? LockClk[1:0]
FracNSrc
(manual selection)
R Correction
RefClkDiv[1:0]
Timing Reference Clock
(XTI/REF_CLK)
Divide
RefClkDiv[1:0]
Static Ratio
Dynamic Ratio
User Defined Ratio RUD
=
CLK_IN present
or FracNSrc=1
CLK_IN not present
or FracNSrc=0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com