Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS2000-CP Datasheet(PDF) 18 Page - Cirrus Logic

Part # CS2000-CP
Description  Fractional-N Clock Synthesizer & Clock Multiplier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS2000-CP Datasheet(HTML) 18 Page - Cirrus Logic

Back Button CS2000-CP Datasheet HTML 14Page - Cirrus Logic CS2000-CP Datasheet HTML 15Page - Cirrus Logic CS2000-CP Datasheet HTML 16Page - Cirrus Logic CS2000-CP Datasheet HTML 17Page - Cirrus Logic CS2000-CP Datasheet HTML 18Page - Cirrus Logic CS2000-CP Datasheet HTML 19Page - Cirrus Logic CS2000-CP Datasheet HTML 20Page - Cirrus Logic CS2000-CP Datasheet HTML 21Page - Cirrus Logic CS2000-CP Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
CS2000-CP
18
DS761PP1
5.3.3
Manual Ratio Modifier (R-Mod)
The manual Ratio Modifier is used to internally multiply/divide the currently addressed RUD (the Ratio0-3
stored in the register space remain unchanged). The available options for RMOD are summarized in
Table 2 on page 18.
The R-Mod value selected by RModSel[2:0] is always used in the calculation for the Effective Ratio
(REFF), see “Effective Ratio (REFF)” on page 19. If R-Mod is not desired, RModSel[2:0] should be left at
its default value of ‘000’, which corresponds to an R-Mod value of 1, thereby effectively disabling the ratio
modifier.
Table 2. Ratio Modifier
5.3.4
Automatic Ratio Modifier (Auto R-Mod) - Hybrid PLL Mode Only
The Automatic R-Modifier uses the status of the CLK_IN Frequency Range Indicator (see section 5.2.1
on page 14) to implement a frequency dependent multiply of the currently addressed RUD as shown in
Table 3.
Like with R-Mod, the Ratio0-3 stored in the register space remain unchanged. The Automatic Ratio-Mod-
ifier is enabled by the AutoRMod bit.
Table 3. Automatic Ratio Modifier
It is important to note that Auto R-Mod (if enabled) is applied in addition to any R-Mod already selected
by the RModSel[2:0] bits and is used to calculate the Effective Ratio (see Section 5.3.5 on page 19).
Auto R-Mod can be used to generate the appropriate oversampling clock (MCLK) for audio A/D and D/A
converters. For example, if the clock applied to CLK_IN is the audio sample rate, Fs (also known as the
word, frame or Left/Right clock), and SysClk is 12.288 MHz (REF_CLK = 12.288 MHz with RefClkDiv[1:0]
RModSel[2:0]
Ratio Modifier
000
1
001
2
010
4
011
8
100
0.5
101
0.25
110
0.125
111
0.0625
Referenced Control
Register Location
Ratio0-3.................................“Ratio 0 - 3 (Address 06h - 15h)” on page 30
RModSel[2:0] ........................ “R-Mod Selection (RModSel[2:0])” section on page 28
FsDetect[1:0]
fSysClk / fCLK_IN
Auto R Modifier
00
> 224
1
01
96 - 224
0.5
10
< 96
0.25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com