Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS2000-CP Datasheet(PDF) 31 Page - Cirrus Logic

Part # CS2000-CP
Description  Fractional-N Clock Synthesizer & Clock Multiplier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS2000-CP Datasheet(HTML) 31 Page - Cirrus Logic

Back Button CS2000-CP Datasheet HTML 27Page - Cirrus Logic CS2000-CP Datasheet HTML 28Page - Cirrus Logic CS2000-CP Datasheet HTML 29Page - Cirrus Logic CS2000-CP Datasheet HTML 30Page - Cirrus Logic CS2000-CP Datasheet HTML 31Page - Cirrus Logic CS2000-CP Datasheet HTML 32Page - Cirrus Logic CS2000-CP Datasheet HTML 33Page - Cirrus Logic CS2000-CP Datasheet HTML 34Page - Cirrus Logic CS2000-CP Datasheet HTML 35Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
CS2000-CP
DS761PP1
31
8.7
Function Configuration 1 (Address 16h)
8.7.1
Clock Skip Enable (ClkSkipEn)
This bit enables clock skipping mode for the PLL and allows the PLL to maintain lock even when the
CLK_IN has missing pulses.
Note:
fCLK_IN must be < 80 kHz to use this feature.
8.7.2
AUX PLL Lock Output Configuration (AuxLockCfg)
When the AUX_OUT pin is configured as a lock indicator (AuxOutSrc[1:0] = 11), this bit configures the
AUX_OUT driver to either push-pull or open drain. It also determines the polarity of the lock signal. If
AUX_OUT is configured as a clock output, the state of this bit is disregarded.
Note:
AUX_OUT is an unlock indicator, signalling an error condition when the PLL is unlocked. There-
fore, the pin polarity is defined relative to the unlock condition.
8.7.3
Reference Clock Input Divider (RefClkDiv[1:0])
Selects the input divider for the timing reference clock.
76543210
ClkSkipEn
AuxLockCfg
Reserved
RefClkDiv1
RefClkDiv0
Reserved
Reserved
Reserved
ClkSkipEn
PLL Clock Skipping Mode
0
Disabled.
1
Enabled.
Application:
“CLK_IN Skipping Mode” on page 14
AuxLockCfg
AUX_OUT Driver Configuration
0
Push-Pull, Active High (output ‘high’ for unlocked condition, ‘low’ for locked condition).
1
Open Drain, Active Low (output ‘low’ for unlocked condition, high-Z for locked condition).
Application:
“Auxiliary Output” on page 22
RefClkDiv[1:0]
Reference Clock Input Divider
REF_CLK Frequency Range
00
÷4.
32 MHz to 75 MHz (50 MHz with XTI)
01
÷ 2.
16 MHz to 37.5 MHz
10
÷ 1.
8 MHz to 18.75 MHz
11
Reserved.
Application:
“Internal Timing Reference Clock Divider” on page 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com