Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5560 Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS5560
Description  짹2.5 V / 5 V, 50 kSps, 24-bit, High-throughput ?誇 ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5560 Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS5560 Datasheet HTML 2Page - Cirrus Logic CS5560 Datasheet HTML 3Page - Cirrus Logic CS5560 Datasheet HTML 4Page - Cirrus Logic CS5560 Datasheet HTML 5Page - Cirrus Logic CS5560 Datasheet HTML 6Page - Cirrus Logic CS5560 Datasheet HTML 7Page - Cirrus Logic CS5560 Datasheet HTML 8Page - Cirrus Logic CS5560 Datasheet HTML 9Page - Cirrus Logic CS5560 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
CS5560
6
DS713PP1
3/25/08
SWITCHING CHARACTERISTICS
TA = -40 to +85 °C; V1+ = V2+ = +2.5 V, ±5%; V1- = V2- = -2.5 V, ±5%;
VL - VLR = 3.3 V, ±5%, 2.5 V, ±5%, or 1.8 V, ±5%
Input levels: Logic 0 = 0V = Low; Logic 1 = VD+ = High; CL = 15 pF.
7.
BP/UP can be changed coincident CONV falling. BP/UP must remain stable until RDY falls.
8.
If CONV is held low continuously, conversions occur every 320 MCLK cycles.
If RDY is tied to CONV, conversions will occur every 322 MCLKs.
If CONV is operated asynchronously to MCLK, a conversion may take up to 324 MCLKs.
RDY falls at the end of conversion.
9.
RDY will fall when the device is fully operational when coming out of sleep mode.
Parameter
Symbol
Min
Typ
Max
Unit
Master Clock Frequency
Internal Oscillator
External Clock
XIN
fclk
12
0.5
14
16
16
16.2
MHz
MHz
Master Clock Duty Cycle
40
-
60
%
Reset
RST Low Time
tres
1-
-
µs
RST rising to RDY falling
Internal Oscillator
External Clock
twup
-
-
120
1536
-
-
µs
MCLKs
Conversion
CONV Pulse Width
tcpw
4-
-
MCLKs
BP/UP setup to CONV falling
(Note 7)
tscn
0-
-
ns
CONV low to start of conversion
tscn
--
2
MCLKs
Perform Single Conversion (CONV high before RDY falling)
tbus
20
-
-
MCLKs
Conversion Time
(Note 8)
Start of Conversion to RDY falling
tbuh
--
324
MCLKs
Sleep Mode
SLEEP low to low-power state
SLEEP high to device active (Note 9)
tcon
tcon
-
-
50
3083
-
-
µs
MCLKs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com