Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5560 Datasheet(PDF) 7 Page - Cirrus Logic

Part # CS5560
Description  짹2.5 V / 5 V, 50 kSps, 24-bit, High-throughput ?誇 ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5560 Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS5560 Datasheet HTML 3Page - Cirrus Logic CS5560 Datasheet HTML 4Page - Cirrus Logic CS5560 Datasheet HTML 5Page - Cirrus Logic CS5560 Datasheet HTML 6Page - Cirrus Logic CS5560 Datasheet HTML 7Page - Cirrus Logic CS5560 Datasheet HTML 8Page - Cirrus Logic CS5560 Datasheet HTML 9Page - Cirrus Logic CS5560 Datasheet HTML 10Page - Cirrus Logic CS5560 Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
CS5560
DS713PP1
7
3/25/08
SWITCHING CHARACTERISTICS (CONTINUED)
TA = -40 to +85 °C; V1+ = V2+ = +2.5 V, ±5%; V1- = V2- = -2.5 V, ±5%;
VL - VLR = 3.3 V, ±5%, 2.5 V, ±5%, or 1.8 V, ±5%
Input levels: Logic 0 = 0V = Low; Logic 1 = VD+ = High; CL = 15 pF.
10.
SDO and SCLK will be high impedance when CS is high. In some systems SCLK and SDO may require pull-down
resistors.
11.
SCLK = MCLK/2.
Parameter
Symbol
Min
Typ
Max
Unit
Serial Port Timing in SSC Mode (SMODE = VL)
RDY falling to MSB stable
t1
--2
-
MCLKs
Data hold time after SCLK rising
t2
-10
-
ns
Serial Clock (Out)
Pulse Width (low)
(Note 10, 11)
Pulse Width (high)
t3
t4
50
50
-
-
-
-
ns
ns
RDY rising after last SCLK rising
t5
-8
-
MCLKs
MCLK
RDY
SCLK(o)
SDO
MSB
MSB–1
LSB
LSB+1
CS
t1
t2
t3
t4
t5
Figure 1. SSC Mode - Read Timing, CS remaining low (Not to Scale)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com