Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5560 Datasheet(PDF) 20 Page - Cirrus Logic

Part # CS5560
Description  짹2.5 V / 5 V, 50 kSps, 24-bit, High-throughput ?誇 ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5560 Datasheet(HTML) 20 Page - Cirrus Logic

Back Button CS5560 Datasheet HTML 16Page - Cirrus Logic CS5560 Datasheet HTML 17Page - Cirrus Logic CS5560 Datasheet HTML 18Page - Cirrus Logic CS5560 Datasheet HTML 19Page - Cirrus Logic CS5560 Datasheet HTML 20Page - Cirrus Logic CS5560 Datasheet HTML 21Page - Cirrus Logic CS5560 Datasheet HTML 22Page - Cirrus Logic CS5560 Datasheet HTML 23Page - Cirrus Logic CS5560 Datasheet HTML 24Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
CS5560
20
DS713PP1
3/25/08
Figure 9 through Figure 16 illustrate the performance of the converter with various input signal magni-
tudes.
Frequency (Hz)
5.55 kHz, -0 dB
32k Samples @ 50 kSps
Frequency (Hz)
5.55 kHz, -6 dB
32k Samples @ 50 kSps
Frequency (Hz)
5.55 kHz, -12 dB
32k Samples @ 50 kSps
Frequency (Hz)
5.55 kHz, -20 dB
32k Samples @ 50 kSps
Frequency (Hz)
5.55 kHz, -40 dB
32k Samples @ 50 kSps
Frequency (Hz)
5.55 kHz, -100 dB
32k Samples @ 50 kSps
Figure 9. Spectral Performance, 0 dB
Figure 10. Spectral Performance, -6 dB
Figure 11. Spectral Performance, -12 dB
Figure 12. Spectral Performance, -20 dB
Figure 13. Spectral Performance, -40 dB
Figure 14. Spectral Performance, -100 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com