Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5560 Datasheet(PDF) 21 Page - Cirrus Logic

Part # CS5560
Description  짹2.5 V / 5 V, 50 kSps, 24-bit, High-throughput ?誇 ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5560 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CS5560 Datasheet HTML 17Page - Cirrus Logic CS5560 Datasheet HTML 18Page - Cirrus Logic CS5560 Datasheet HTML 19Page - Cirrus Logic CS5560 Datasheet HTML 20Page - Cirrus Logic CS5560 Datasheet HTML 21Page - Cirrus Logic CS5560 Datasheet HTML 22Page - Cirrus Logic CS5560 Datasheet HTML 23Page - Cirrus Logic CS5560 Datasheet HTML 24Page - Cirrus Logic CS5560 Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
CS5560
DS713PP1
21
3/25/08
Figure 15 illustrates the device with a small signal 1/1,000,000 of full scale. The signal input for figure 14
is about 8.2 microvolts peak to peak, or about 17 codes peak to peak. Figure 16 illustrates the converter
with a signal at about 2.6 microvolts peak to peak, or about 5 codes peak to peak. The CS5560 achieves
superb performance with this small signal. And the noise floor exhibits no spurious components due to
digital interference from the on chip logic.
Frequency (Hz)
5.55 kHz, -120 dB
32k Samples @ 50 kSps
Frequency (Hz)
5.55 kHz, -130 dB
32k Samples @ 50 kSps
Figure 15. Spectral Performance, -120 dB
Figure 16. Spectral Performance, -130 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com