Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5560 Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS5560
Description  짹2.5 V / 5 V, 50 kSps, 24-bit, High-throughput ?誇 ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5560 Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS5560 Datasheet HTML 6Page - Cirrus Logic CS5560 Datasheet HTML 7Page - Cirrus Logic CS5560 Datasheet HTML 8Page - Cirrus Logic CS5560 Datasheet HTML 9Page - Cirrus Logic CS5560 Datasheet HTML 10Page - Cirrus Logic CS5560 Datasheet HTML 11Page - Cirrus Logic CS5560 Datasheet HTML 12Page - Cirrus Logic CS5560 Datasheet HTML 13Page - Cirrus Logic CS5560 Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
CS5560
10
DS713PP1
3/25/08
DIGITAL CHARACTERISTICS
TA = TMIN to TMAX; VL = 3.3V, ±5% or VL = 2.5V, ±5% or 1.8V, ±5%; VLR = 0V
DIGITAL FILTER CHARACTERISTICS
TA = TMIN to TMAX; VL = 3.3V, ±5% or VL = 2.5V, ±5% or 1.8V, ±5%; VLR = 0V
Parameter
Symbol
Min
Typ
Max
Unit
Input Leakage Current
Iin
--
2
µA
Digital Input Pin Capacitance
Cin
-3
-
pF
Digital Output Pin Capacitance
Cout
-3
-
pF
MCLK
SCLK(i)
SDO
CS
RDY
LSB
MSB
t19
t18
t20
t17
t15
t21
Figure 4. SEC Mode - Discontinuous SCLK Read Timing (Not to Scale)
Parameter
Symbol
Min
Typ
Max
Unit
Group Delay
-
-
160
-
MCLKs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com