Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5560 Datasheet(PDF) 16 Page - Cirrus Logic

Part # CS5560
Description  짹2.5 V / 5 V, 50 kSps, 24-bit, High-throughput ?誇 ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5560 Datasheet(HTML) 16 Page - Cirrus Logic

Back Button CS5560 Datasheet HTML 12Page - Cirrus Logic CS5560 Datasheet HTML 13Page - Cirrus Logic CS5560 Datasheet HTML 14Page - Cirrus Logic CS5560 Datasheet HTML 15Page - Cirrus Logic CS5560 Datasheet HTML 16Page - Cirrus Logic CS5560 Datasheet HTML 17Page - Cirrus Logic CS5560 Datasheet HTML 18Page - Cirrus Logic CS5560 Datasheet HTML 19Page - Cirrus Logic CS5560 Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
CS5560
16
DS713PP1
3/25/08
3.4 Analog Input
The analog input of the converter is fully differential with a peak-to-peak input of 4.096 volts on each input.
Therefore, the differential, peak-to-peak input is 8.192 volts. This is illustrated in Figure 6 and Figure 7.
These diagrams also illustrate a differential buffer amplifier configuration for driving the CS5560.
The capacitors at the outputs of the amplifiers provide a charge reservoir for the dynamic current from the
A/D inputs while the resistors isolate the dynamic current from the amplifier. The amplifiers can be pow-
ered from higher supplies than those used by the A/D but precautions should be taken to ensure that the
op amp output voltage remains within the power supply limits of the A/D, especially under start-up condi-
tions.
3.5 Output Coding Format
The reference voltage directly defines the input voltage range in both the unipolar and bipolar configura-
tions. In the unipolar configuration (BP/UP low), the first code transition occurs 0.5 LSB above zero, and
the final code transition occurs 1.5 LSBs below VREF. In the bipolar configuration (BP/UP high), the first
code transition occurs 0.5 LSB above -VREF and the last transition occurs 1.5 LSBs below +VREF. See
Table 1 for the output coding of the converter.
NOTE: VREF = (VREF+) - (VREF-)
Table 1. Output Coding, Two’s Complement
Bipolar Input Voltage
Two’s
Complement
>(VREF-1.5 LSB)
7F FF FF
VREF-1.5 LSB
7F FF FF
7F FF FE
-0.5 LSB
00 00 00
FF FF FF
-VREF+0.5 LSB
80 00 01
80 00 00
<(-VREF+0.5 LSB)
80 00 00
NOTE: VREF = (VREF+) - (VREF-)
Table 2. Output Coding, Offset Binary
Unipolar Input Voltage
Offset
Binary
>(VREF-1.5 LSB)
FF FF FF
VREF-1.5 LSB
FF FF FF
FF FF FE
(VREF/2)-0.5 LSB
80 00 00
7F FF FF
+0.5 LSB
00 00 01
00 00 00
<(+0.5 LSB)
00 00 00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com