Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5560 Datasheet(PDF) 4 Page - Cirrus Logic

Part # CS5560
Description  짹2.5 V / 5 V, 50 kSps, 24-bit, High-throughput ?誇 ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5560 Datasheet(HTML) 4 Page - Cirrus Logic

  CS5560 Datasheet HTML 1Page - Cirrus Logic CS5560 Datasheet HTML 2Page - Cirrus Logic CS5560 Datasheet HTML 3Page - Cirrus Logic CS5560 Datasheet HTML 4Page - Cirrus Logic CS5560 Datasheet HTML 5Page - Cirrus Logic CS5560 Datasheet HTML 6Page - Cirrus Logic CS5560 Datasheet HTML 7Page - Cirrus Logic CS5560 Datasheet HTML 8Page - Cirrus Logic CS5560 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
CS5560
4
DS713PP1
3/25/08
1. CHARACTERISTICS AND SPECIFICATIONS
•
Min / Max characteristics and specifications are guaranteed over the specified operating conditions.
•
Typical characteristics and specifications are measured at nominal supply voltages and TA = 25°C.
•
VLR = 0 V. All voltages with respect to 0 V.
ANALOG CHARACTERISTICS T
A = -40 to +85 °C; V1+ = V2+ = +2.5 V, ±5%; V1- = V2- = -2.5 V,
±5%; VL -VLR = 3.3 V, ±5%; VREF = (VREF+) - (VREF-) = 4.096V; MCLK = 16 MHz; SMODE = VL.
BUFEN = V1+ unless otherwise stated. Connected per Figure 6. Bipolar mode unless otherwise stated.
1.
No missing codes is guaranteed at 24 bits resolution over the specified temperature range.
2.
One LSB is equivalent to (2 x VREF) ÷ 224 or (2 x 4.096) ÷ 16,777,216 = 488 nV.
3.
Scales with MCLK.
Parameter
Min
Typ
Max
Unit
Accuracy
Linearity Error
-
0.0005
-
±%FS
Differential Linearity Error
(Note 1, 2)
-
±0.1
-
LSB24
Positive Full-scale Error
-
1.0
-
%FS
Negative Full-scale Error
-
1.0
-
%FS
Full-scale Drift
(Note 2)
-
1
-
ppm / °C
Unipolar Offset
(Note 2)
-
+2000
-
LSB24
Unipolar Offset Drift
(Note 2)
-
2
-
LSB / °C
Bipolar Offset
(Note 2)
-
±1000
-
LSB24
Bipolar Offset Drift
(Note 2)
-
1
-
LSB / °C
Noise
-
9.5
-
µVrms
Dynamic Performance
Peak Harmonic or Spurious Noise
997 Hz, -0.5 dB Input
-
-111
-
dB
Total Harmonic Distortion
997 Hz, -0.5 dB Input
-
-108
-95
dB
Signal-to-Noise
108
110
-
dB
S/(N + D) Ratio
-0.5 dB Input, 997 Hz
-60 dB Input, 997 Hz
95
-
109
50
-
-
dB
dB
-3 dB Input Bandwidth
(Note 3)
-
42
-
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com