Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5560 Datasheet(PDF) 26 Page - Cirrus Logic

Part # CS5560
Description  짹2.5 V / 5 V, 50 kSps, 24-bit, High-throughput ?誇 ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5560 Datasheet(HTML) 26 Page - Cirrus Logic

Back Button CS5560 Datasheet HTML 22Page - Cirrus Logic CS5560 Datasheet HTML 23Page - Cirrus Logic CS5560 Datasheet HTML 24Page - Cirrus Logic CS5560 Datasheet HTML 25Page - Cirrus Logic CS5560 Datasheet HTML 26Page - Cirrus Logic CS5560 Datasheet HTML 27Page - Cirrus Logic CS5560 Datasheet HTML 28Page - Cirrus Logic CS5560 Datasheet HTML 29Page - Cirrus Logic CS5560 Datasheet HTML 30Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
CS5560
26
DS713PP1
3/25/08
3.12 Using the CS5560 in Multiplexing Applications
The CS5560 is a delta-sigma A/D converter. Delta-sigma converters use oversampling as means to
achieve high signal to noise. This means that once a conversion is started, the converter takes many sam-
ples to compute the resulting output word. The analog input for the signal to be converted must remain
active during the entire conversion until RDY falls.
The CS5560 can be used in multiplexing applications, but the system timing for changing the multiplexer
channel and for starting a new conversion will depend upon the multiplexer system architecture.
The simplest system is illustrated in Figure 22. Any time the multiplexer is changed, the analog signal
presented to the converter must fully settle. After the signal has settled, the CONV signal is issued to the
converter to start a conversion. Being a delta-sigma converter, the signal must remain present at the input
of the converter until the conversion is completed. Once the conversion is completed, RDY falls. At this
time the multiplexer can be changed to the next channel and the data can be read from the serial port.
The CONV signal should be delayed until after the data is read and until the new analog signal has settled.
In this configuration, the throughput of the converter will be dictated by the settling time of the analog input
circuit and the conversion time of the converter. The conversion data can be read from the serial port after
the multiplexer is changed to the new channel while the analog input signal is settling.
Figure 22. Simple Multiplexing Scheme
A more complex multiplexing scheme can be used to increase the throughput of the converter is illustrated
in Figure 23. In this circuit, two banks of multiplexers are used.
CS556x
AIN+
AIN-
49.9
47pF
4.99k
4700pF
C0G
49.9
47pF
4.99k
4700pF
C0G
CH1+
CH2+
CH3+
CH4+
CH1-
CH2-
CH3-
CH4-
Amplifier
Settling Time
Conversion Time
Amplifier
Settling Time
CH1
CH2
CONV
RDY
Advance
Mux
Throughput



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com