Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5560 Datasheet(PDF) 19 Page - Cirrus Logic

Part # CS5560
Description  짹2.5 V / 5 V, 50 kSps, 24-bit, High-throughput ?誇 ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5560 Datasheet(HTML) 19 Page - Cirrus Logic

Back Button CS5560 Datasheet HTML 15Page - Cirrus Logic CS5560 Datasheet HTML 16Page - Cirrus Logic CS5560 Datasheet HTML 17Page - Cirrus Logic CS5560 Datasheet HTML 18Page - Cirrus Logic CS5560 Datasheet HTML 19Page - Cirrus Logic CS5560 Datasheet HTML 20Page - Cirrus Logic CS5560 Datasheet HTML 21Page - Cirrus Logic CS5560 Datasheet HTML 22Page - Cirrus Logic CS5560 Datasheet HTML 23Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
CS5560
DS713PP1
19
3/25/08
3.7 AIN & VREF Sampling Structures
The CS5560 uses on-chip buffers on the AIN+, AIN-, and the VREF+ inputs. Buffers provide much higher
input impedance and therefore reduce the amount of drive current required from an external source. This
helps minimize errors.
The Buffer Enable (BUFEN) pin determines if the on-chip buffers are used or not. If the BUFEN pin is
connected to the V1+ supply, the buffers will be enabled. If the BUFEN pin is connected to the V1- pin,
the buffers are off. The converter will consume about 30 mW less power when the buffers are off, but the
input impedances of AIN+, AIN- and VREF+ will be significantly less than with the buffers enabled.
3.8 Converter Performance
The CS5560 achieves excellent differential nonlinearity (DNL) as shown in Figure 8. Figure 8 illustrates
the code widths on the typical scale of ±1 LSB and on a zoomed scale of ±0.2 LSB.
Figure 8. CS5560 DNL Plot
(Zoom View)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com