Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5571 Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS5571
Description  짹2.5 V / 5 V, 100 kSps, 16-bit, High-throughput ?誇 ADC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5571 Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS5571 Datasheet HTML 2Page - Cirrus Logic CS5571 Datasheet HTML 3Page - Cirrus Logic CS5571 Datasheet HTML 4Page - Cirrus Logic CS5571 Datasheet HTML 5Page - Cirrus Logic CS5571 Datasheet HTML 6Page - Cirrus Logic CS5571 Datasheet HTML 7Page - Cirrus Logic CS5571 Datasheet HTML 8Page - Cirrus Logic CS5571 Datasheet HTML 9Page - Cirrus Logic CS5571 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
CS5571
6
DS768PP1
3/25/08
10:56
SWITCHING CHARACTERISTICS
TA = -40 to +85 °C; V1+ = V2+ = +2.5 V, ±5%; V1- = V2- = -2.5 V, ±5%;
VL - VLR = 3.3 V, ±5%, 2.5 V, ±5%, or 1.8 V, ±5%
Input levels: Logic 0 = 0V = Low; Logic 1 = VD+ = High; CL = 15 pF.
9.
Reset must not be released until the power supplies and the voltage reference are within specification.
10.
BP/UP can be changed coincident to CONV falling. BP/UP must remain stable until RDY falls.
11.
If CONV is held low continuously, conversions occur every 160 MCLK cycles.
If RDY is tied to CONV, conversions will occur every 162 MCLKs.
If CONV is operated asynchronously to MCLK, a conversion may take up to 164 MCLKs.
RDY falls at the end of conversion.
Parameter
Symbol
Min
Typ
Max
Unit
Master Clock Frequency
Internal Oscillator
External Clock
XIN
fclk
12
0.5
14
16
16
16.2
MHz
MHz
Master Clock Duty Cycle
40
-
60
%
Reset
RST Low Time
(Note 9)
tres
1-
-
µs
RST rising to RDY falling
Internal Oscillator
External Clock
twup
-
-
120
1536
-
-
µs
MCLKs
Conversion
CONV Pulse Width
tcpw
4-
-
MCLKs
BP/UP setup to CONV falling
(Note 10)
tscn
0-
-
ns
CONV low to start of conversion
tscn
--
2
MCLKs
Perform Single Conversion (CONV high before RDY falling)
tbus
20
-
-
MCLKs
Conversion Time
(Note 11)
Start of Conversion to RDY falling
tbuh
--
164
MCLKs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com