Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5571 Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS5571
Description  짹2.5 V / 5 V, 100 kSps, 16-bit, High-throughput ?誇 ADC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5571 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS5571 Datasheet HTML 9Page - Cirrus Logic CS5571 Datasheet HTML 10Page - Cirrus Logic CS5571 Datasheet HTML 11Page - Cirrus Logic CS5571 Datasheet HTML 12Page - Cirrus Logic CS5571 Datasheet HTML 13Page - Cirrus Logic CS5571 Datasheet HTML 14Page - Cirrus Logic CS5571 Datasheet HTML 15Page - Cirrus Logic CS5571 Datasheet HTML 16Page - Cirrus Logic CS5571 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
CS5571
DS768PP1
13
3/25/08
10:56
2. OVERVIEW
The CS5571 is a 16-bit analog-to-digital converter capable of 100 kSps conversion rate. The analog input
accepts a single-ended input with a magnitude of ±VREF / 2 volts. The device is capable of switching mul-
tiple input channels at a high rate with no loss in throughput. The ADC uses a low-latency digital filter ar-
chitecture. The filter is designed for fast settling and settles to full accuracy in one conversion.
The converter is a serial output device. The serial port can be configured to function as either a master or
a slave.
The converter can operate from an analog supply of 5V or from ±2.5V. The digital interface supports stan-
dard logic operating from 1.8, 2.5, or 3.3 V.
The CS5571 may convert at rates up to 100 kSps when operating from a 16 MHz input clock.
3. THEORY OF OPERATION
The CS5571 converter provides high-performance measurement of DC or AC signals. The converter can
be used to perform single conversions or continuous conversions upon command. Each conversion is in-
dependent of previous conversions and settles to full specified accuracy, even with a full-scale input volt-
age step. This is due to the converter architecture which uses a combination of a high-speed delta-sigma
modulator and a low-latency filter architecture.
Once power is established to the converter, a reset must be performed. A reset initializes the internal con-
verter logic.
If CONV is held low, the converter will convert continuously with RDY falling every 160 MCLKs. This is
equivalent to 100 kSps if MCLK = 16.0 MHz. If CONV is tied to RDY, a conversion will occur every 162
MCLKs. If CONV is operated asynchronously to MCLK, it may take up to 164 MCLKs from CONV falling
to RDY falling.
Multiple converters can operate synchronously if they are driven by the same MCLK source and CONV
to each converter falls on the same MCLK falling edge. Alternately, CONV can be held low and all devices
can be synchronized if they are reset with RST rising on the same falling edge of MCLK.
The output coding of the conversion word is a function of the BP/UP pin.
3.1 Converter Operation
The converter should be reset after the power supplies and voltage reference are stable.
The CS5571 converts at 100 kSps when synchronously operated (CONV = VLR) from a 16.0 MHz master
clock. Conversion is initiated by taking CONV low. A conversion lasts 160 master clock cycles, but if
CONV is asynchronous to MCLK there may be an uncertainty of 0-4 MCLK cycles after CONV falls to
when a conversion actually begins. This may extend the throughput to 164 MCLKs per conversion.
When the conversion is completed, the output word is placed into the serial port and RDY goes low. To
convert continuously, CONV should be held low. In continuous conversion mode with CONV held low, a
conversion is performed in 160 MCLK cycles. Alternately RDY can be tied to CONV and a conversion will
occur every 162 MCLK cycles.
To perform only one conversion, CONV should return high at least 20 master clock cycles before RDY
falls.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com