Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5571 Datasheet(PDF) 31 Page - Cirrus Logic

Part # CS5571
Description  짹2.5 V / 5 V, 100 kSps, 16-bit, High-throughput ?誇 ADC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5571 Datasheet(HTML) 31 Page - Cirrus Logic

Back Button CS5571 Datasheet HTML 26Page - Cirrus Logic CS5571 Datasheet HTML 27Page - Cirrus Logic CS5571 Datasheet HTML 28Page - Cirrus Logic CS5571 Datasheet HTML 29Page - Cirrus Logic CS5571 Datasheet HTML 30Page - Cirrus Logic CS5571 Datasheet HTML 31Page - Cirrus Logic CS5571 Datasheet HTML 32Page - Cirrus Logic CS5571 Datasheet HTML 33Page - Cirrus Logic CS5571 Datasheet HTML 34Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
CS5571
DS768PP1
31
3/25/08
10:56
BP/UP – Bipolar/Unipolar Select, Pin 11
The BP/UP pin determines the span and the output coding of the converter. When set high to
select BP (bipolar), the input span of the converter is -2.048 volts to +2.048 volts (assuming the
voltage reference is 4.096 volts) and output data is coded in two's complement format. When
set low to select UP (unipolar), the input span is 0 to +2.048 and the output data is coded in
binary format.
DITHER – Dither Select, Pin 12
When DITHER is high (DITHER = VL), output conversion words will be dithered. When DITHER
is low (DITHER = VLR), output words will be dominated by quantization.
RST – Reset, Pin 13
Reset is necessary after power is initially applied to the converter. When the RST input is taken
low, the logic in the converter will be reset. When RST is released to go high, certain portions of
the analog circuitry are started. RDY falls when reset is complete.
CONV – Convert, Pin 15
The CONV pin initiates a conversion cycle if taken low, a previous conversion is in progress.
When the conversion cycle is completed, the conversion word is output to the serial port register
and the RDY signal goes low. If CONV is held low and remains low when RDY falls, another
conversion cycle will be started.
DCR – Digital Core Regulator, Pin 16
DCR is the output of the on-chip regulator for the digital logic core. DCR should be bypassed
with a capacitor to V2-. The DCR pin is not designed to power any external load.
V2+ – Positive Power 2, Pin 17
The V1+ and V2+ pins provide a positive supply voltage to the circuitry of the chip. These two
pins should be decoupled as shown in the application block diagrams. V1+ and V2+ should be
supplied from the same source voltage. For single-supply operation, these two voltages are
nominally +5 V. For dual-supply operation, they are nominally +2.5 V.
V2- – Negative Power 2, Pin 18
The V1- and V2- pins provide a negative supply voltage to the circuitry of the chip. These two
pins should be decoupled as shown in the application block diagrams. V1- and V2- should be
supplied from the same source voltage. For single-supply operation, these two voltages are
nominally 0 V (Ground). For dual-supply operation, they are nominally -2.5 V.
MCLK – Master Clock, Pin 19
The master clock pin (MCLK) is a multi-function pin. If tied low (MCLK = VLR), the on-chip oscil-
lator will be enabled. If tied high (MCLK = VL), all clocks to the internal circuitry of the converter
will stop. When MCLK is held high the internal oscillator will also be stopped. MCLK can also
function as the input for an external CMOS-compatible clock that conforms to supply voltages
on the VL and VLR pins.
VLR2, VLR, VL – Logic Interface Power/Return, Pins 14, 20, 21
VL and VLR are the supply voltages for the digital logic interface. VL and VLR can be config-
ured with a wide range of common mode voltage. The following interface pins function from the
VL/VLR supply: SMODE, CS, SCLK, TST, SDO, RDY, DITHER, CONV, RST, BP/UP, and
MCLK.
SDO – Serial Data Output, Pin 22
SDO is the output pin for the serial output port. Data from this pin will be output at a rate deter-
mined by SCLK and in a format determined by the BP/UP pin. Data is output MSB first and
advances to the next data bit on the rising edges of SCLK. SDO will be in a high impedance
state when CS is high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com