Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5571 Datasheet(PDF) 25 Page - Cirrus Logic

Part # CS5571
Description  짹2.5 V / 5 V, 100 kSps, 16-bit, High-throughput ?誇 ADC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5571 Datasheet(HTML) 25 Page - Cirrus Logic

Back Button CS5571 Datasheet HTML 21Page - Cirrus Logic CS5571 Datasheet HTML 22Page - Cirrus Logic CS5571 Datasheet HTML 23Page - Cirrus Logic CS5571 Datasheet HTML 24Page - Cirrus Logic CS5571 Datasheet HTML 25Page - Cirrus Logic CS5571 Datasheet HTML 26Page - Cirrus Logic CS5571 Datasheet HTML 27Page - Cirrus Logic CS5571 Datasheet HTML 28Page - Cirrus Logic CS5571 Datasheet HTML 29Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
CS5571
DS768PP1
25
3/25/08
10:56
3.10 Digital Filter Characteristics
The digital filter is designed for fast settling, therefore it exhibits very little in-band attenuation. The filter
attenuation is 1.040 dB at 50 kHz when sampling at 100 kSps.
Figure 24. CS5571 Digital Filter Response (DC to fs/2)
Figure 25. CS5571 Digital Filter Response (DC to 10 kHz)
Figure 26. CS5571 Digital Filter Response (DC to 4fs)
-1.50
-1.25
-1.00
-0.75
-0.50
-0.25
0.00
0
10k
20k
30k
40k
50k
Frequency (Hz)
-0.0414 dB
-0.1660 dB
-0.3740 dB
-0.6660 dB
-1.040 dB
fs = 100 kSps
-0.05
-0.04
-0.03
-0.02
-0.01
0.00
0
2k4k
6k8k
10k
Frequency (Hz)
-0.001650 dB
-0.00700 dB
-0.01490 dB
-0.02643 dB
-0.04140 dB
fs = 100 kSps
-120
-100
-80
-60
-40
-20
0
0
100k
200k
300k
400k
Frequency (Hz)
fs = 100 kSps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com