Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5571 Datasheet(PDF) 28 Page - Cirrus Logic

Part # CS5571
Description  짹2.5 V / 5 V, 100 kSps, 16-bit, High-throughput ?誇 ADC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5571 Datasheet(HTML) 28 Page - Cirrus Logic

Back Button CS5571 Datasheet HTML 24Page - Cirrus Logic CS5571 Datasheet HTML 25Page - Cirrus Logic CS5571 Datasheet HTML 26Page - Cirrus Logic CS5571 Datasheet HTML 27Page - Cirrus Logic CS5571 Datasheet HTML 28Page - Cirrus Logic CS5571 Datasheet HTML 29Page - Cirrus Logic CS5571 Datasheet HTML 30Page - Cirrus Logic CS5571 Datasheet HTML 31Page - Cirrus Logic CS5571 Datasheet HTML 32Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
CS5571
28
DS768PP1
3/25/08
10:56
At the same time the converter is performing a conversion on a channel from one bank of multiplexers,
the second multiplexer bank is used to select the channel for the next conversion. This configuration al-
lows the buffer amplifier for the second multiplexer bank to fully settle while a conversion is being per-
formed on the channel from the first multiplexer bank. The multiplexer on the output of the buffer amplifier
and the CONV signal can be changed at the same time in this configuration. This multiplexing architec-
ture allows for maximum multiplexing throughput from the A/D converter. The following figure depicts the
recommended analog input amplifier circuit.
Figure 28. More Complex Multiplexing Scheme
CONV
Convert on CH1
Convert on CH1
Convert on CH4
Convert on CH3
Convert on CH2
Select A1
Select A2
Select A1
Select A2
Select CH1
Select CH3
Select CH1
Select A1
Select CH2
Select CH4
Select CH2
SW1
SW2
SW3
CS5571
AIN
ACOM
90
150pF
2k
4700pF
C0G
90
150pF
2k
CH1
CH3
CH2
CH4
SW2
SW3
SW1
A2
A1
4700pF
C0G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com