Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5571 Datasheet(PDF) 20 Page - Cirrus Logic

Part # CS5571
Description  짹2.5 V / 5 V, 100 kSps, 16-bit, High-throughput ?誇 ADC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5571 Datasheet(HTML) 20 Page - Cirrus Logic

Back Button CS5571 Datasheet HTML 16Page - Cirrus Logic CS5571 Datasheet HTML 17Page - Cirrus Logic CS5571 Datasheet HTML 18Page - Cirrus Logic CS5571 Datasheet HTML 19Page - Cirrus Logic CS5571 Datasheet HTML 20Page - Cirrus Logic CS5571 Datasheet HTML 21Page - Cirrus Logic CS5571 Datasheet HTML 22Page - Cirrus Logic CS5571 Datasheet HTML 23Page - Cirrus Logic CS5571 Datasheet HTML 24Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
CS5571
20
DS768PP1
3/25/08
10:56
3.7 AIN & VREF Sampling Structures
The CS5571 uses on-chip buffers on the AIN and VREF+ inputs. Buffers provide much higher input im-
pedance and therefore reduce the amount of drive current required from an external source. This helps
minimize errors.
The Buffer Enable (BUFEN) pin determines if the on-chip buffers are used or not. If the BUFEN pin is
connected to the V1+ supply, the buffers will be enabled. If the BUFEN pin is connected to the V1- pin,
the buffers are off. The converter will consume about 30 mW less power when the buffers are off, but the
input impedances of AIN, ACOM and VREF+ will be significantly less than with the buffers enabled.
3.8 Converter Performance
The CS5571 achieves excellent differential nonlinearity (DNL) as shown in figures 9 and 10. Figure 9 il-
lustrates the code widths on a typical scale of ±1 LSB. Figure 10 illustrates a zoom view of figure 9 on a
scale of ±0.1 LSB. Figure 10 also includes a DNL error histogram that indicates that the errors are equally
distributed about the perfect code size; and most codes are accurate within ±0.01 LSB.
Figure 9. CS5571 DNL Plot
Figure 10. CS5581 DNL Error Plot with DNL Histogram
-1.00
-0.75
-0.50
-0.25
0.00
0.25
0.50
0.75
1.00
1
65535
Codes
2k
4k
6k
8k
10k
12k
14k
16k
18k
0
0
+0.08
+0.07
+0.06
+0.05
+0.04
+0.03
+0.02
+0.01
-0.01
-0.02
-0.03
-0.04
-0.05
-0.06
-0.07
-0.08
-0.09
-0.1
+0.09
+0.1
Counts per 0.01 LSB Error
-0.10
-0.08
-0.06
-0.04
-0.02
0
+0.02
+0.04
+0.06
+0.08
+0.10
1
65535
Codes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com