Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5571 Datasheet(PDF) 3 Page - Cirrus Logic

Part # CS5571
Description  짹2.5 V / 5 V, 100 kSps, 16-bit, High-throughput ?誇 ADC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5571 Datasheet(HTML) 3 Page - Cirrus Logic

  CS5571 Datasheet HTML 1Page - Cirrus Logic CS5571 Datasheet HTML 2Page - Cirrus Logic CS5571 Datasheet HTML 3Page - Cirrus Logic CS5571 Datasheet HTML 4Page - Cirrus Logic CS5571 Datasheet HTML 5Page - Cirrus Logic CS5571 Datasheet HTML 6Page - Cirrus Logic CS5571 Datasheet HTML 7Page - Cirrus Logic CS5571 Datasheet HTML 8Page - Cirrus Logic CS5571 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
CS5571
DS768PP1
3
3/25/08
10:56
LIST OF FIGURES
Figure 1. SSC Mode - Read Timing, CS remaining low . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Figure 2. SSC Mode - Read Timing, CS falling after RDY falls . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Figure 3. SEC Mode - Continuous SCLK Read Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Figure 4. SEC Mode - Discontinuous SCLK Read Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 5. Voltage Reference Circuit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .15
Figure 6. CS5571 Configured Using ±2.5V Analog Supplies . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
Figure 7. CS5571 Configured for Unipolar Measurement Using a Single 5V Analog Supply . . . . 18
Figure 8. CS5571 Configured for Bipolar Measurement Using a Single 5V Analog Supply . . . . . 19
Figure 9. CS5571 DNL Plot. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 10. CS5581 DNL Error Plot with DNL Histogram. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 11. Spectral Performance, 0 dB. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 12. Spectral Performance, -6 dB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 13. Spectral Performance, -12 dB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 14. Spectral Performance, -80 dB Dither On . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 15. Spectral Performance, -80 dB Dither Off . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 16. Spectral Performance, -100 dB Dither On . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 17. Spectral Performance, -100 dB Dither Off . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 18. Spectral Performance, -116.3 dB Dither On . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
Figure 19. Spectral Plot of Noise with Shorted Input . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
Figure 20. Noise Histogram, 4096 Samples Dither On, Code Center. . . . . . . . . . . . . . . . . . . . . . 24
Figure 21. Noise Histogram, 4096 Samples Dither Off, Code Center. . . . . . . . . . . . . . . . . . . . . . 24
Figure 22. Noise Histogram, 4096 Samples Dither On, Input at Code Boundary . . . . . . . . . . . . . 24
Figure 23. Noise Histogram, 4096 Samples Dither Off, Input at Code Boundary . . . . . . . . . . . . . 24
Figure 24. CS5571 Digital Filter Response (DC to fs/2) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
Figure 25. CS5571 Digital Filter Response (DC to 10 kHz) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
Figure 26. CS5571 Digital Filter Response (DC to 4fs) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
Figure 27. Simple Multiplexing Scheme . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27
Figure 28. More Complex Multiplexing Scheme . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28
LIST OF TABLES
Table 1. Output Coding, Two’s Complement . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Table 2. Output Coding, Offset Binary . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com