Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5571 Datasheet(PDF) 12 Page - Cirrus Logic

Part # CS5571
Description  짹2.5 V / 5 V, 100 kSps, 16-bit, High-throughput ?誇 ADC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5571 Datasheet(HTML) 12 Page - Cirrus Logic

Back Button CS5571 Datasheet HTML 8Page - Cirrus Logic CS5571 Datasheet HTML 9Page - Cirrus Logic CS5571 Datasheet HTML 10Page - Cirrus Logic CS5571 Datasheet HTML 11Page - Cirrus Logic CS5571 Datasheet HTML 12Page - Cirrus Logic CS5571 Datasheet HTML 13Page - Cirrus Logic CS5571 Datasheet HTML 14Page - Cirrus Logic CS5571 Datasheet HTML 15Page - Cirrus Logic CS5571 Datasheet HTML 16Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
CS5571
12
DS768PP1
3/25/08
10:56
RECOMMENDED OPERATING CONDITIONS
(VLR = 0V, see Note 17
)
17.
The logic supply can be any value VL – VLR = +1.71 to +3.465 volts as long as VLR
≥ V2- and VL ≤ 3.465 V.
18.
The differential voltage reference magnitude is constrained by the V1+ or V1- supply magnitude.
ABSOLUTE MAXIMUM RATINGS
(VLR = 0V
)
Notes: 19. V1+ = V2+; V1- = V2-
20.
V1- = V2-
21.
Transient currents of up to 100 mA will not cause SCR latch-up.
WARNING:
Recommended Operating Conditions indicate limits to which the device is functionally operational. Abso-
lute Maximum Ratings indicate limits beyond which permanent damage to the device may occur. The
Absolute Maximum Ratings are stress ratings only and the device should not be operated at these limits.
Operation at conditions beyond the Recommended Operating Conditions may affect device reliability, and
functional operation beyond Recommended Operating Conditions is not implied. Performance specifica-
tions are intended for the conditions specified for each table in the Characteristics and Specifications sec-
tion.
Parameter
Symbol
Min
Typ
Max
Unit
Single Analog Supply
DC Power Supplies:
(Note 17)
V1+
V2+
V1-
V2-
V1+
V2-
V1+
V2-
4.75
4.75
-
-
5.0
5.0
0
0
5.25
5.25
-
-
V
V
V
V
Dual Analog Supplies
DC Power Supplies:
(Note 17)
V1+
V2+
V1-
V2-
V1+
V2-
V1+
V2-
+2.375
+2.375
-2.375
-2.375
+2.5
+2.5
-2.5
-2.5
+2.625
+2.625
-2.625
-2.625
V
V
V
V
Analog Reference Voltage
(Note 18)
[VREF+] – [VREF-]
VREF
2.4
4.096
4.2
V
Parameter
Symbol
Min
Typ
Max
Unit
DC Power Supplies:
[V1+] – [V1-] (Note 19)
VL + [ |V1-| ] (Note 20)
-
-
0
0
-
-
5.5
6.1
V
V
Input Current, Any Pin Except Supplies
(Note 21)
IIN
--
±10
mA
Analog Input Voltage
(AIN and VREF pins)
VINA
(V1-) – 0.3
-
(V1+) + 0.3
V
Digital Input Voltage
VIND
VLR – 0.3
-
VL + 0.3
V
Storage Temperature
Tstg
-65
-
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com