Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5571 Datasheet(PDF) 22 Page - Cirrus Logic

Part # CS5571
Description  짹2.5 V / 5 V, 100 kSps, 16-bit, High-throughput ?誇 ADC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5571 Datasheet(HTML) 22 Page - Cirrus Logic

Back Button CS5571 Datasheet HTML 18Page - Cirrus Logic CS5571 Datasheet HTML 19Page - Cirrus Logic CS5571 Datasheet HTML 20Page - Cirrus Logic CS5571 Datasheet HTML 21Page - Cirrus Logic CS5571 Datasheet HTML 22Page - Cirrus Logic CS5571 Datasheet HTML 23Page - Cirrus Logic CS5571 Datasheet HTML 24Page - Cirrus Logic CS5571 Datasheet HTML 25Page - Cirrus Logic CS5571 Datasheet HTML 26Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
CS5571
22
DS768PP1
3/25/08
10:56
Figures 14 and 15 illustrate the small signal performance of the CS5571 with a 5.55 kHz signal at -80 dB
down. Figure 14 is with DITHER on and Figure 15 is with DITHER off. At -80 dB the signal is 1/10,000
of full scale, having a peak-to-peak magnitude of only a few codes. For small signals, DNL errors and
quantization errors can introduce distortion because the error in the code size, or the quantization error
without adequate dither, are a much greater percentage of the signal than with a full-scale input. Figure
15, with DITHER off, illustrates that distortion components can be introduced when there is not adequate
dither to randomize the quantization error.
Figures 16 and 17 illustrate DITHER on and DITHER off with a 5.55 kHz input at -100 dB. At -100 dB the
signal is only about 41 microvolts peak to peak. This is less than the one code width which is about
62.5 microvolts.
-160
-140
-120
-100
-80
-60
-40
-20
0
0
10k
20k
30k
40k
50k
Frequency (Hz)
-160
-140
-120
-100
-80
-60
-40
-20
0
0
10k
20k
30k
40k
50k
Frequency (Hz)
5.55 kHz, -80 dB
32k Samples @ 100 kSps
Dither On
Figure 14. Spectral Performance, -80 dB
Dither On
Figure 15. Spectral Performance, -80 dB
Dither Off
-160
-140
-120
-100
-80
-60
-40
-20
0
0
10k
20k
30k
40k
50k
Frequency (Hz)
-160
-140
-120
-100
-80
-60
-40
-20
0
0
10k
20k
30k
40k
50k
Frequency (Hz)
Figure 16. Spectral Performance, -100 dB
Dither On
Figure 17. Spectral Performance, -100 dB
Dither Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com