Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5122DS-RDTUM Datasheet(PDF) 185 Page - ATMEL Corporation

Part # AT89C5122DS-RDTUM
Description  C51 Microcontroller with USB and Smart Card Reader Interfaces
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5122DS-RDTUM Datasheet(HTML) 185 Page - ATMEL Corporation

Back Button AT89C5122DS-RDTUM Datasheet HTML 181Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 182Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 183Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 184Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 185Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 186Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 187Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 188Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 189Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 208 page
background image
185
AT83R5122, AT8xC5122/23
4202F–SCR–07/2008
R
RST
Internal reset pull-up resistor
5
10
30
k
Ω
I
PD
Power down consumption
60μA
40μA
200μA
200μA
Vcc = 5.5V
Vcc = 3.6V
I
CCIDLE
Power Supply current in IDLE mode
0.4*F+2
mA
Vcc = 5.5V (F in MHz)
ICCOP
Power Supply current in Active mode
(AT89C5122) with DC/DC ON
1.6*F+3
mA
Vcc = 5.5V (F in MHz)
I
CCOP
Power Supply current in Active mode
(AT85C5122) with DC/DC ON
1.6*F+3
mA
Vcc = 5.5V (F in MHz)
I
CCOP
Power Supply current in Active mode
(AT83C5122) with DC/DC ON
1.6*F+2
mA
Vcc = 5.5V (F in MHz)
ICCWRITE
Power Supply current in Active mode
(AT89C5122) Flash or E2PROM write DC/DC ON
1.6*F+4
mA
Vcc = 5.5V (F in MHz)
I
CCOP
Power Supply current in Active mode
(AT89C5122) with DC/DC OFF
0.8*F+3
mA
Vcc = 5.5V (F in MHz)
I
CCOP
Power Supply current in Active mode
(AT85C5122) with DC/DC FF
0.8*F+3
mA
Vcc = 5.5V (F in MHz)
ICCOP
Power Supply current in Active mode
(AT83C5122) with DC/DC OFF
0.8*F+2
mA
Vcc = 5.5V (F in MHz)
I
CCWRITE
Power Supply current in Active mode
(AT89C5122) Flash or E2PROM write DC/DC OFF
0.8*F+4
mA
Vcc = 5.5V (F in MHz)
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com