Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5122DS-RDTUM Datasheet(PDF) 189 Page - ATMEL Corporation

Part # AT89C5122DS-RDTUM
Description  C51 Microcontroller with USB and Smart Card Reader Interfaces
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5122DS-RDTUM Datasheet(HTML) 189 Page - ATMEL Corporation

Back Button AT89C5122DS-RDTUM Datasheet HTML 185Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 186Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 187Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 188Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 189Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 190Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 191Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 192Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 193Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 208 page
background image
189
AT83R5122, AT8xC5122/23
4202F–SCR–07/2008
Note:
1. The voltage on RST should remain between -0.3V and V
CC+0.3V during dynamic operation.
Note:
1. The voltage on RST should remain between -0.3V and V
CC+0.3V during dynamic operation.
IOL
Output Low Current
15
mA
VOH
Output High Voltage
0.8 CVCC
CVCC (1)
V
IOH = 20 μA
External 10K pull-up
resistor tied to CVCC
IOH
Output High Current
15
mA
Voltage Stability
-0.25
0.8 CVCC
0.4
CVCC + 0.25
V
Low level
High level
tR tF
Rise and Fall delays
0.8
μsCIN=30pF.
Smart Card RST, I/O, DC Parameters
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
VOL
Output Low Voltage
0(1)
0.4
0.12 CVCC
0.12 CVCC
V
IOL = 50 μΑ (5V until 2009)
IOL = 200 μΑ (5V from 2009)
IOL = 200 μΑ (3V & 1.8V)
IOL
Output Low Current
15
mA
VOH
Output High Voltage
CVCC-05
0.8 CVCC
0.8 CVCC
CVCC
(1)
V
IOH = 50 μΑ (+5V until 2009)
IOH = 150 μΑ (+5V from 2009)
IOH = 150 μΑ (+3V & 1.8V)
IOH
Output High Current
15
mA
tR tF
Rise and Fall delays
0.8
μsCIN=30 pF
Voltage Stability
-0.25
CVCC-0.5
0.4 CVCC
CVCC + 0.25
Low level
High level
Smart Card CIO, DC Parameters
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
Card Presence (P1.2) DC Parameters
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
IOL1
CPRES weak pull-up output current
3
10
25
μA
P1.2=1, short to VSS
Pull-up enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com