Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5122DS-RDTUM Datasheet(PDF) 188 Page - ATMEL Corporation

Part # AT89C5122DS-RDTUM
Description  C51 Microcontroller with USB and Smart Card Reader Interfaces
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5122DS-RDTUM Datasheet(HTML) 188 Page - ATMEL Corporation

Back Button AT89C5122DS-RDTUM Datasheet HTML 184Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 185Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 186Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 187Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 188Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 189Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 190Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 191Page - ATMEL Corporation AT89C5122DS-RDTUM Datasheet HTML 192Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 208 page
background image
188
AT83R5122, AT8xC5122/23
4202F–SCR–07/2008
Notes:
1. Test conditions, Capacitor 10 μF, Inductance 10 μH.
2. Ceramic X7R, SMD type capacitor with minimum ESR or 250 m
Ω is mandatory
Notes:
1. The voltage on CLK should remain between -0.3V and V
CC+0.3V during dynamic operation.
Card VCC 1.8V Power Supply (for IEC7816-3 Class C cards)
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
Vcc
Power Supply
3.0
5.5
V
CICC_ovf
Card Supply Current overflow
100
mA
CVCC
Card Supply Voltage
1.68
1.92
V
CICC = 35 mA
TOFF
CVcc to 0
750
μs
Cload=10μF, Lload=10μH
Vcard = CVcc to 0.4V
TON
0 to CVcc
750
μs
Cload=10μF, Lload=10μH
Vcard = 0V to CVcc
With Boost at 60%
Smart Card CCLK, DC parameters
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
VOL
Output Low Voltage
0(1)
0.4
0.15 CVCC
0.15 CVCC
V
IOH = 50 μA (5V until 2009)
IOH = 100 μA (5V from 2009)
IOH = 100 μA (3V & 1.8V)
IOL
Output Low Current
15
mA
VOH
Output High Voltage
CVCC-0,5
0.8 CVCC
0.8 CVCC
CVCC
V
IOH = 50μA (+5V until 2009)
IOH = 100 μA (+5V from 2009)
IOH = 100 μA (+3V & 1.8V)
IOH
Output High Current
15
mA
tR tF
Rise and Fall delays
14.5
15.5
32
ns
CIN=30pF (5V)
CIN=30pF (3V)
CIN=30pF (1.8V)
Voltage Stability
-0.25
CVCC-0.5
0.4 CVCC
CVCC + 0.25
V
Low level
High level
Frequency variation (Jitter)
1%
Cycle ratio
45%
55%
Smart Card CIO, DC Parameters
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
VIL
Input Low Voltage
0(1)
0.2 CVCC
V
IIL
Input Low Current
500
μA
VIH
Input High Voltage
0.6 CVCC
CVCC
V
IIH
Input High Current
-20 / +20
μA
VOL
Output Low Voltage
0(1)
0.15 CVCC
V
IOL = 1mA (5V & 3V))
IOL = 0.5 mA (1.8V)
External 10K pull-up tied to
CVCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com