Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1073CS8 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1073CS8
Description  Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1073CS8 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1073CS8 Datasheet HTML 5Page - Linear Technology LT1073CS8 Datasheet HTML 6Page - Linear Technology LT1073CS8 Datasheet HTML 7Page - Linear Technology LT1073CS8 Datasheet HTML 8Page - Linear Technology LT1073CS8 Datasheet HTML 9Page - Linear Technology LT1073CS8 Datasheet HTML 10Page - Linear Technology LT1073CS8 Datasheet HTML 11Page - Linear Technology LT1073CS8 Datasheet HTML 12Page - Linear Technology LT1073CS8 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LT1073
9
APPLICATIO S I FOR ATIO
V
R
R
mV
OUT =+

()
1
2
1
212
Step-Down (Buck Mode) Operation
A step-down DC/DC converter converts a higher voltage to
a lower voltage. It is short-circuit protected because the
switch is in series with the output. Step-down converters
are characterized by low output voltage ripple but high
input current ripple. The usual hookup for an LT1073-
based step-down converter is shown in Figure 7.
When the switch turns on, SW2 pulls up to VIN – VSW. This
puts a voltage across L1 equal to VIN – VSW – VOUT,
causing a current to build up in L1. At the end of the switch
ON time, the current in L1 is equal to
i
VV
V
L
t
PEAK
IN
SW
OUT
ON
=
––
When the switch turns off the SW2 pin falls rapidly and
actually goes below ground. D1 turns on when SW2
reaches 0.4V below ground.
D1 MUST BE A SCHOTTKY
DIODE. The voltage at SW2 must never be allowed to go
below –0.5V. A silicon diode such as the 1N4933 will allow
SW2 to go to –0.8V, causing potentially destructive power
dissipation inside the LT1073. Output voltage is deter-
mined by
V
R
R
mV
OUT =+

()
1
2
1
212
R3 programs switch current limit. This is especially im-
portant in applications where the input varies over a wide
range. Without R3, the switch stays on for a fixed time
each cycle. Under certain conditions the current in L1 can
build up to excessive levels, exceeding the switch rating
and/or saturating the inductor. The 220
Ω resistor pro-
grams the switch to turn off when the current reaches
approximately 400mA. When using the LT1073 in step-
down mode, output voltage should be limited to 6.2V or
less.
Inverting Configurations
The LT1073 can be configured as a positive-to-negative
converter (Figure 8), or a negative-to-positive converter
(Figure 9). In Figure 8, the arrangement is very similar to
a step-down, except that the high side of the feedback is
referred to ground. This level shifts the output negative. As
in the step-down mode, D1 must be a Schottky diode, and
VOUTshould be less than 6.2V.
Figure 7. Step-Down Mode Hookup
VIN
+
R3
220
Ω
L1
D1
1N5818
VOUT
C1
+
C2
R2
R1
1073 FO7
LT1073
ILIM VIN SW1
SW2
FB
GND
Figure 8. Positive-to-Negative Converter
Figure 9. Negative-to-Positive Converter
+VIN
+
R3
L1
D1
1N5818
–VOUT
C1
+
C2
R1
R2
1073 FO8
LT1073
ILIM VIN SW1
SW2
FB
GND
–VIN
+
L1
D1
+VOUT
VOUT =
( )212mV + 0.6V
R1
C1
+
C2
R2
1073 F09
LT1073
ILIM
VIN
SW1
FB
AO
SW2
GND
2N3906
R1
R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com