Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1073CS8 Datasheet(PDF) 16 Page - Linear Technology

Part # LT1073CS8
Description  Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1073CS8 Datasheet(HTML) 16 Page - Linear Technology

Back Button LT1073CS8 Datasheet HTML 8Page - Linear Technology LT1073CS8 Datasheet HTML 9Page - Linear Technology LT1073CS8 Datasheet HTML 10Page - Linear Technology LT1073CS8 Datasheet HTML 11Page - Linear Technology LT1073CS8 Datasheet HTML 12Page - Linear Technology LT1073CS8 Datasheet HTML 13Page - Linear Technology LT1073CS8 Datasheet HTML 14Page - Linear Technology LT1073CS8 Datasheet HTML 15Page - Linear Technology LT1073CS8 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
LT1073
16
PART NUMBER
DESCRIPTION
COMMENTS
LT1307
Single Cell Micropower 600kHz PWM DC/DC Converter
3.3V at 75mA from One Cell, MSOP Package
LT1316
Burst Mode
TM Operation DC/DC with Programmable Current Limit
1.5V Minimum, Precise Control of Peak Current Limit
LT1317
2-Cell Micropower DC/DC with Low-Battery Detector
3.3V at 200mA from Two Cells, 600kHz Fixed Frequency
LT1610
Single Cell Micropower DC/DC Converter
3V at 30mA from 1V, 1.7MHz Fixed Frequency
LT1611
Inverting 1.4MHz Switching Regulator in 5-Lead SOT-23
–5V at 150mA from 5V Input, Tiny SOT-23 Package
LT1613
1.4MHz Switching Regulator in 5-Lead SOT-23
5V at 200mA from 3.3V Input, Tiny SOT-23 Package
LT1615
Micropower Constant Off-Time DC/DC Converter in 5-Lead SOT-23
20V at 12mA from 2.5V, Tiny SOT-23 Package
LT1617
Micropower Inverting DC/DC Converter in 5-Lead SOT-23
–15V at 12mA from 2.5V, Tiny SOT-23 Package
LT1930/LT1930A
1.2MHz/2.2MHz, 1A Switching Regulator in 5-Lead SOT-23
5V at 450mA from 3.3V Input, Tiny SOT-23 Package
LT1931/LT1931A
1.2MHz/2.2MHz, 1A Inverting Switching Regulator in 5-Lead SOT-23
–5V at 350mA from 5V Input, Tiny SOT-23 Package
Burst Mode operation is a trademark of Linear Technology Corporation.
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 q FAX:(408)434-0507 q www.linear-tech.com
©LINEAR TECHNOLOGY CORPORATION 2000
1073fa LT/TP 0301 2K REV A • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATIO S
1.5V Powered Temperature Compensated Crystal Oscillator
1.5V Powered
α, β, γ Particle Detector
+
+
LT1073
ILIM
VIN
SW1
SW2
–
+
SET
FB
A0
30.1k*
27.4k*
150k*
150k
73.2k*
LM134-3
6.81K*
2N3906
1N4148
510pF
510pF
2k
560k
MV209
1MHz
100
Ω
100k
100k
150k*
100k
2N3904
2N3906
OUTPUT
1MHz
0.05ppm/
°C
0.02
µF
10M*
47
µF47µF
39.2k*
1k
1.5V
1.5V
1.5V
1.5V
LT1017
L1
†
820
µH
* 1% METAL FILM
† L1 = J.W. MILLER #100267
= AT CUT –35
° 20' ANGLE
1073 TA23
1073 TA24
LT1073
ILIM
VIN
SW1
SET
AO
FB
SW2
GND
2N3906
2N3904
X1
1.5V
10k
1M
1M
3M
330
Ω
1N4148
1N976
NC
NC
NC
3
4
5
1
2
10
7
T1
1N5818
0.01
µF
0.01
µF
0.01
µF
0.01
µF
210k
R1
500M
U1
10M
68pF
600V
D1
D2
D3
500V
REGULATED
T1 = COILTRONICS CTX10052-1
X1 = PROJECTS UNLIMITED AT-
11k OR 8
Ω SPEAKER
D1, D2, D3 = MUR1100
R1 = VICTOREEN MOX-300
U1 = LND-712 CORP., OCEANSIDE, NY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com