Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1073CS8 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1073CS8
Description  Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1073CS8 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1073CS8 Datasheet HTML 6Page - Linear Technology LT1073CS8 Datasheet HTML 7Page - Linear Technology LT1073CS8 Datasheet HTML 8Page - Linear Technology LT1073CS8 Datasheet HTML 9Page - Linear Technology LT1073CS8 Datasheet HTML 10Page - Linear Technology LT1073CS8 Datasheet HTML 11Page - Linear Technology LT1073CS8 Datasheet HTML 12Page - Linear Technology LT1073CS8 Datasheet HTML 13Page - Linear Technology LT1073CS8 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LT1073
10
In Figure 9, the input is negative while the output is
positive. In this configuration, the magnitude of the input
voltage can be higher or lower than the output voltage. A
level shift, provided by the PNP transistor, supplies proper
polarity feedback information to the regulator.
Using the ILIM Pin
The LT1073 switch can be programmed to turn off at a set
switch current, a feature not found on competing devices.
This enables the input to vary over a wide range without
exceeding the maximum switch rating or saturating the
inductor. Consider the case where analysis shows the
LT1073 must operate at an 800mA peak switch current
with a 2V input. If VIN rises to 4V, the peak switch current
will rise to 1.6A, exceeding the maximum switch current
rating. With the proper resistor (see the “Maximum Switch
Current vs RLIM” characteristic) selected, the switch cur-
rent will be limited to 800mA, even if the input voltage
increases. The LT1073 does this by sampling a small
fraction of the switch current and passing this current
through the external resistor. When the voltage on the ILIM
pin drops a VBE below VIN, the oscillator terminates the
cycle. Propagation delay through this loop is about 2
µs.
Another situation where the ILIM feature is useful is when
the device goes into continuous mode operation. This
occurs in step-up mode when
APPLICATIO S I FOR ATIO
Figure 10. No Current Limit Causes
Large Inductor Current Build-Up
Figure 11. Current Limit Keeps Inductor Current Under Control
VV
VV
DC
OUT
DIODE
IN
SW
+
<
––
1
1
When the input and output voltages satisfy this relation-
ship, inductor current does not go to zero during the
switch OFF time. When the switch turns on again, the
current ramp starts from the nonzero current level in the
inductor just prior to switch turn-on. As shown in
Figure 10, the inductor current increases to a high level
before the comparator turns off the oscillator. This high
current can cause excessive output ripple and requires
oversizing the output capacitor and inductor. With the ILIM
feature, however, the switch current turns off at a pro-
grammed level as shown in Figure 11, keeping output
ripple to a minimum.
Using the Gain Block
The gain block (GB) on the LT1073 can be used as an error
amplifier, low-battery detector or linear post-regulator.
The gain block itself is a very simple PNP input op amp with
an open-collector NPN output. The (–) input of the gain
block is tied internally to the 212mV reference. The (+)
input comes out on the SET pin.
Arrangement of the gain block as a low battery detector is
straightforward. Figure 12 shows hookup. R1 and R2 need
only be low enough in value so that the bias current of the
SET input does not cause large errors. 100k
Ω for R2 is
adequate.
Output ripple of the LT1073, normally 150mV at 5VOUT,
can be reduced significantly by placing the gain block in
front of the FB input as shown in Figure 13. This effectively
reduces the comparator hysteresis by the gain of the gain
block. Output ripple can be reduced to just a few millivolts
using this technique. Ripple reduction works with step-
down or inverting modes as well.
1073 F10
ON
OFF
SWITCH
IL
PROGRAMMED CURRENT LIMIT
1073 F11
ON
OFF
SWITCH
IL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com