Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1073CS8 Datasheet(PDF) 14 Page - Linear Technology

Part # LT1073CS8
Description  Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1073CS8 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT1073CS8 Datasheet HTML 8Page - Linear Technology LT1073CS8 Datasheet HTML 9Page - Linear Technology LT1073CS8 Datasheet HTML 10Page - Linear Technology LT1073CS8 Datasheet HTML 11Page - Linear Technology LT1073CS8 Datasheet HTML 12Page - Linear Technology LT1073CS8 Datasheet HTML 13Page - Linear Technology LT1073CS8 Datasheet HTML 14Page - Linear Technology LT1073CS8 Datasheet HTML 15Page - Linear Technology LT1073CS8 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
LT1073
14
+
100
Ω
100k
100
µF
1M*
40.3k*
909k*
100k*
100k
1073 TA17
LT1073
ILIM
VIN
SW1
FB
AO
SET
SW2
GND
3V
1N5818
* 1% METAL FILM
† L1 = GOWANDA GA10-682k
OR CADDELL-BURNS 7300-11
L1
†
68
µH
5V OUTPUT
100mA
LOCKOUT
AT 1.8V
2N3906
2.2M
+
680k
5V OUTPUT
20mVP-P RIPPLE
40.2k*
909k*
100
µF
OS-CON
1073 TA18
LT1073
ILIM
VIN
SW1
SET
AO
FB
SW2
GND
1.5V
L1
†
82
µH
* 1% METAL FILM
† L1 = GOWANDA GA10-822k
OR CADDELL-BURNS 7300-12
1N5818
+
680k
220
Ω
5VOUT
90mA AT 6.5VIN
40.2k*
909k*
100
µF
OS-CON
1073 TA20
LT1073
ILIM VIN SW1
SET
AO
FB
SW2
GND
L1
†
47
µH
* 1% METAL FILM
† L1 = GOWANDA GA10-472k
OR CADDELL-BURNS 7300-09
1N5818
+VIN
6.5V TO 12V
EFFICIENCY
≈ 80%
IQ ≈ 130µA
OUTPUT NOISE
≈ 100mVP-P
220
Ω
1073 TA22
LT1073
ILIM
VIN
SW1
FB
SW2
GND
L1
†
150
µH
0.1
µF
0.1
µF
0.1
µF
24k
10k
50
Ω
Q1
2N2369
C1
2pF TO 4pF
OUTPUT
5V INTO
50
Ω PULSE
WIDTH
≈ 1ns
MUR120
MUR120
MUR120
10M
1M
1.5V
†L1 = TOKO 262LYF-0095K
SELECT Q1 AND C1 FOR OPTIMUM RISE AND FALL
90V BIAS
560k
6V OUTPUT
1A AT
VIN = 3V
1073 TA21
LT1073
ILIM
VIN
SW1
SET
AO
FB
SW2
GND
549k*
L1
†
25
µH
* 1% METAL FILM
† L1 = COILTRONICS CTX25-5-52
LOW IQ (<250µA)
1N5820
+
+
INPUT
3V TO 6V
(2 LITHIUM CELLS)
1000
µF
2200
µF
20k*
5.1k
MTP3055EL
2N3906
1N5818
51
Ω
TYPICAL APPLICATIO S
3V to 5V Step-Up Converter with Undervoltage Lockout
1.5V to 5V Low Noise Step-Up Converter
1.5V to 5V Very Low Noise Step-Up Converter
9V to 5V Reduced Noise Step-Down Converter
3V to 6V at 1A Step-Up Converter
1.5V Powered 350ps Risetime Pulse Generator
+
680k
5V OUTPUT
5mA AT VBATTERY = 1V
10mVP-P RIPPLE
40.2k*
909k*
100
µF
OS-CON
1073 TA19
LT1073
ILIM
VIN
SW1
SET
AO
FB
SW2
GND
1.5V
L1
†
470
µH
* 1% METAL FILM
† L1 = GOWANDA GA10-473k
OR CADDELL-BURNS 7300-21
EFFICIENCY = 83% AT 5mA LOAD
1N5818



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com