Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1073CS8 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1073CS8
Description  Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1073CS8 Datasheet(HTML) 4 Page - Linear Technology

  LT1073CS8 Datasheet HTML 1Page - Linear Technology LT1073CS8 Datasheet HTML 2Page - Linear Technology LT1073CS8 Datasheet HTML 3Page - Linear Technology LT1073CS8 Datasheet HTML 4Page - Linear Technology LT1073CS8 Datasheet HTML 5Page - Linear Technology LT1073CS8 Datasheet HTML 6Page - Linear Technology LT1073CS8 Datasheet HTML 7Page - Linear Technology LT1073CS8 Datasheet HTML 8Page - Linear Technology LT1073CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LT1073
4
TYPICAL PERFOR A CE CHARACTERISTICS
Supply Current vs Temperature
Recommended Minimum
Inductance Value
Guaranteed Minimum Output
Current at 5V vs VIN
PI FU CTIO S
ILIM (Pin 1): Connect this pin to VIN for normal use. Where
lower current limit is desired, connect a resistor between
ILIM and VIN. A 220Ω resistor will limit the switch current
to approximately 400mA.
VIN (Pin 2): Input Supply Voltage
SW1 (Pin 3): Collector of Power Transistor. For step-up
mode connect to inductor/diode. For step-down mode
connect to VIN.
SW2 (Pin 4): Emitter of Power Transistor. For step-up
mode connect to ground. For step-down mode connect to
inductor/diode. This pin must never be allowed to go more
than a Schottky diode drop below ground.
GND (Pin 5): Ground.
AO (Pin 6): Auxiliary Gain Block (GB) Output. Open collec-
tor, can sink 100
µA.
SET (Pin 7): GB Input. GB is an op amp with positive input
connected to SET pin and negative input connected to
212mV reference.
FB/SENSE (Pin 8): On the LT1073 (adjustable) this pin
goes to the comparator input. On the LT1073-5 and
LT1073-12, this pin goes to the internal application resis-
tor that sets output voltage.
BLOCK DIAGRA S
LT1073
LT1073-5 and LT1073-12
TEMPERATURE (
°C)
–50
100
1073 G07
050
150
140
130
120
110
100
90
80
70
60
50
–25
25
75
125
VIN = 1.5V
INPUT VOLTAGE (V)
1073 G08
300
250
200
150
100
50
0
1.0
2.0
3.0
3.5
1.5
2.5
4.0
4.5
5.0
RLIM = 0V
VIN (V)
1.0
1000
100
10
1.5
2.0
2.5
3.0
3.5
1073 G09
FOR VIN > 1.6V A
68
Ω RESISTOR
MUST BE CONNECTED
BETWEEN ILIM AND VIN
–
+
A1
A2
COMPARATOR
DRIVER
212mV
REFERENCE
OSCILLATOR
GAIN BLOCK/ERROR AMP
VIN
SET
A0
ILIM
SW1
Q1
SW2
FB
GND
1073 BD01
–
+
A1
A2
COMPARATOR
DRIVER
212mV
REFERENCE
OSCILLATOR
GAIN BLOCK/ERROR AMP
VIN
SET
A0
ILIM
SW1
Q1
SW2
GND
1073 BD02
R1
R2
940k
SENSE
LT1073-5: R1 = 40k
LT1073-12: R2 = 16.3k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com