Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1073CS8 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1073CS8
Description  Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1073CS8 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1073CS8 Datasheet HTML 7Page - Linear Technology LT1073CS8 Datasheet HTML 8Page - Linear Technology LT1073CS8 Datasheet HTML 9Page - Linear Technology LT1073CS8 Datasheet HTML 10Page - Linear Technology LT1073CS8 Datasheet HTML 11Page - Linear Technology LT1073CS8 Datasheet HTML 12Page - Linear Technology LT1073CS8 Datasheet HTML 13Page - Linear Technology LT1073CS8 Datasheet HTML 14Page - Linear Technology LT1073CS8 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LT1073
11
APPLICATIO S I FOR ATIO
Figure 12. Settling Low Battery Detector Trip Point
Figure 13. Output Ripple Reduction Using Gain Block
Table 2. Inductor Manufacturers
MANUFACTURER
PART NUMBERS
Gowanda Electronics Corporation
GA10 Series
1 Industrial Place
GA40 Series
Gowanda, NY 14070
716-532-2234
Caddell-Burns
7300 Series
258 East Second Street
6860 Series
Mineola, NY 11501
516-746-2310
Coiltronics International
Custom Toroids
984 S.W. 13th Court
Surface Mount
Pompano Beach, FL 33069
305-781-8900
Toko America Incorporated
Type 8RBS
1250 Feehanville Drive
Mount Prospect, IL 60056
312-297-0070
Renco Electronics Incorporated
RL1283
60 Jefryn Boulevard, East
RL1284
Deer Park, NY 11729
800-645-5828
Table 3. Capacitor Manufacturers
MANUFACTURER
PART NUMBERS
Sanyo Video Components
OS-CON Series
1201 Sanyo Avenue
San Diego, CA 92073
619-661-6322
Nichicon America Corporation
PL Series
927 East State Parkway
Schaumberg, IL 60173
708-843-7500
Sprague Electric Company
150D Solid Tantalums
Lower Main Street
550D Tantalex
Stanford, ME 04073
207-324-4140
TYPICAL APPLICATIO S
1.5V to 3V Step-Up Converter
1.5V to 9V Step-Up Converter
+
220
Ω
L1
†
120
µH
3V OUTPUT
20mA AT
VBATTERY = 1V
100
µF
536k*
40.2k*
1073 TA03
LT1073
ILIM
VIN
SW1
FB
SW2
GND
1.5V
CELL
1N5818
* 1% METAL FILM
† L1 = GOWANDA GA10-123k
OR CADDELL-BURNS 7300-14
+
L1
†
120
µH
9V OUTPUT
7mA AT VBATTERY = 1V
16mA AT VBATTERY = 1.5V
47
µF
1M*
24.3k*
1073 TA04
LT1073
ILIM
VIN
SW1
FB
SW2
GND
1.5V
CELL
1N5818
* 1% METAL FILM
† L1 = GOWANDA GA10-123k
OR CADDELL-BURNS 7300-14
+
R3
680k
L1
D1
VOUT
R1
C1
R2
1073 F13
LT1073
ILIM
VIN
SW1
SET
FB
AO
SW2
GND
VBAT
VOUT =
+ 1 212mV
(
)
R2
R1
(
)
–
+
1073 F12
212mV
REF
SET
LT1073
VIN
GND
A0
R1
R2
100k
VBAT
TO
PROCESSOR
5V
R1 = R2
(
–1
)
VLB = BATTERY TRIP POINT
VLB
212mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com