Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1073CS8 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1073CS8
Description  Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1073CS8 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1073CS8 Datasheet HTML 2Page - Linear Technology LT1073CS8 Datasheet HTML 3Page - Linear Technology LT1073CS8 Datasheet HTML 4Page - Linear Technology LT1073CS8 Datasheet HTML 5Page - Linear Technology LT1073CS8 Datasheet HTML 6Page - Linear Technology LT1073CS8 Datasheet HTML 7Page - Linear Technology LT1073CS8 Datasheet HTML 8Page - Linear Technology LT1073CS8 Datasheet HTML 9Page - Linear Technology LT1073CS8 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LT1073
6
APPLICATIO S I FOR ATIO
Measuring Input Current at Zero or Light Load
Obtaining meaningful numbers for quiescent current and
efficiency at low output current involves understanding
how the LT1073 operates. At very low or zero load current,
the device is idling for seconds at a time. When the output
voltage falls enough to trip the comparator, the power
switch comes on for a few cycles until the output voltage
rises sufficiently to overcome the comparator hysteresis.
When the power switch is on, inductor current builds up
to hundreds of milliamperes. Ordinary digital multimeters
are not capable of measuring average current because of
bandwidth and dynamic range limitations. A different
approach is required to measure the 100
µA off-state and
500mA on-state currents of the circuit.
Table 1. Component Selection for Step-Up Converters
INPUT
BATTERY
OUTPUT
OUTPUT
INDUCTOR
INDUCTOR
CAPACITOR
VOLTAGE (V)
TYPE
VOLTAGE (V)
CURRENT (MIN)
VALUE (
µH)
PART NUMBER
VALUE (
µF)
NOTES
1.55-1.25
Single Alkaline
3
60mA
82
G GA10-822K, CB 7300-12
150
1.30-1.05
Single Ni-Cad
3
20mA
180
G GA10-183K, CB 7300-16
47
1.55-1.25
Single Alkaline
5
30mA
82
G GA10-822K, CB 7300-12
100
1.30-1.05
Single Ni-Cad
5
10mA
180
G GA10-183K, CB 7300-16
22
3.1-2.1
Two Alkaline
5
80mA
120
G GA10-123K, CB 7300-14
470
*
3.1-2.1
Two Alkaline
5
25mA
470
G GA10-473K, CB 7300-21
150
*
3.3-2.5
Lithium
5
100mA
150
G GA40-153K, CB 6860-15
470
*
3.1-2.1
Two Alkaline
12
25mA
120
G GA10-123K, CB 7300-14
220
3.1-2.1
Two Alkaline
12
5mA
470
G GA10-473K, CB 7300-21
100
3.3-2.5
Lithium
12
30mA
150
G GA10-153K, CB 7300-15
220
4.5-5.5
TTL Supply
12
90mA
220
G GA40-223K, CB 6860-17
470
*
4.5-5.5
TTL Supply
12
22mA
1000
G GA10-104K, CB 7300-25
100
*
4.5-5.5
TTL Supply
24
35mA
220
G GA40-223K, CB 6860-17
150
*
G = GOWANDA
CB = CADDELL-BURNS
*Add 68
Ω from ILIM to VIN
LT1073. The circuit must be “booted” by shorting V2 to
VSET. After the LT1073 output voltage has settled, discon-
nect the short. Input voltage is V2 and average input
current can be calculated by this formula:
I
VV
IN =
Ω
21
100
–
Inductor Selection
A DC/DC converter operates by storing energy as mag-
netic flux, in an inductor core and then switching this
energy into the load. Since it is flux, not charge, that is
stored, the output voltage can be higher, lower, or oppo-
site in polarity to the input voltage by choosing an appro-
priate switching topology. To operate as an efficient energy
transfer element, the inductor must fulfill three require-
ments. First, the inductance must be low enough for the
inductor to store adequate energy under the worst-case
condition of minimum input voltage and switch ON time.
The inductance must also be high enough so that maxi-
mum current ratings of the LT1073 and inductor are not
exceeded at the other worst-case condition of maximum
input voltage and ON time. Additionally, the inductor core
must be able to store the required flux, i.e., it must not
saturate. At power levels generally encountered with
LT1073-based designs, small axial-lead units with
Figure 1. Test Circuit Measures No-Load
Quiescent Current of LT1073 Converter
–
+
1073 F01
LTC1050
LT1073
CIRCUIT
+
12V
1M
Ω
100
Ω
VSET
1000
µF
1
µF*
*NONPOLARIZED
V1
V2
Quiescent current can be accurately measured using the
circuit in Figure 1. VSET is set to the input voltage of the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com