Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1073CS8 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1073CS8
Description  Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1073CS8 Datasheet(HTML) 1 Page - Linear Technology

  LT1073CS8 Datasheet HTML 1Page - Linear Technology LT1073CS8 Datasheet HTML 2Page - Linear Technology LT1073CS8 Datasheet HTML 3Page - Linear Technology LT1073CS8 Datasheet HTML 4Page - Linear Technology LT1073CS8 Datasheet HTML 5Page - Linear Technology LT1073CS8 Datasheet HTML 6Page - Linear Technology LT1073CS8 Datasheet HTML 7Page - Linear Technology LT1073CS8 Datasheet HTML 8Page - Linear Technology LT1073CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LT1073
1
APPLICATIO S
DESCRIPTIO
FEATURES
TYPICAL APPLICATION
The LT
®1073 is a versatile micropower DC/DC converter.
The device requires only three external components to
deliver a fixed output of 5V or 12V. The very low minimum
supply voltage of 1V allows the use of the LT1073 in
applications where the primary power source is a single
cell. An on-chip auxiliary gain block can function as a low-
battery detector or linear post-regulator.
Average current drain of the LT1073-5 used as shown in
the Typical Application circuit below is just 135
µA un-
loaded, making it ideal for applications where long battery
life is important. The circuit shown can deliver 5V at 40mA
from an input as low as 1.25V and 5V at 10mA from a 1V
input.
The device can easily be configured as a step-up or step-
down converter, although for most step-down applica-
tions or input sources greater than 3V, the LT1173 is
recommended. Switch current limiting is user-adjustable
by adding a single external resistor. Unique reverse-
battery protection circuitry limits reverse current to safe,
nondestructive levels at reverse supply voltages up to
1.6V.
s
Pagers
s
Cameras
s
Single-Cell to 5V Converters
s
Battery Backup Supplies
s
Laptop and Palmtop Computers
s
Cellular Telephones
s
Portable Instruments
s
4mA to 20mA Loop Powered Instruments
s
Hand-Held Inventory Computers
s
Battery-Powered
α, β, and γ Particle Detectors
, LTC and LT are registered trademarks of Linear Technology Corporation.
s
No Design Required
s
Operates at Supply Voltages from 1V to 30V
s
Consumes Only 95
µA Supply Current
s
Works in Step-Up or Step-Down Mode
s
Only Three External Off-the-Shelf Components
Required
s
Low-Battery Detector Comparator On-Chip
s
User-Adjustable Current Limit
s
Internal 1A Power Switch
s
Fixed or Adjustable Output Voltage Versions
s
Space-Saving 8-Pin PDIP or SO-8 Package
Micropower
DC/DC Converter
Adjustable and Fixed 5V, 12V
+
1N5818
5V
40mA
100
µF
SANYO
0S-CON
1073 TA01
LT1073-5
ILIM
VIN
SW1
SENSE
SW2
GND
1
2
3
4
5
8
1.5V
AA CELL*
CADDELL-BURNS
7300-12
82
µH
OPERATES WITH CELL VOLTAGE
≥1V
ADD 10
µF DECOUPLING CAPACITOR IF
BATTERY IS MORE THAN 2" AWAY FROM LT1073
*
LOAD CURRENT (mA)
1
1000
100
10
1
10
100
LT1073 TA02
L = 180
µH
L = 82
µH
Single-Cell to 5V Converter
Single Alkaline “AA” Cell Operating
Hours vs DC Load Current


Similar Part No. - LT1073CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1073CS8 LINER-LT1073CS8 Datasheet
1Mb / 19P
Micropower DC-DC Converter Ajustable and Fixed 5V, 12V
LT1073CS8-12 LINER-LT1073CS8-12 Datasheet
1Mb / 19P
Micropower DC-DC Converter Ajustable and Fixed 5V, 12V
LT1073CS8-5 LINER-LT1073CS8-5 Datasheet
1Mb / 19P
Micropower DC-DC Converter Ajustable and Fixed 5V, 12V
More results

Similar Description - LT1073CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1107 LINER-LT1107 Datasheet
254Kb / 12P
Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1108 LINER-LT1108 Datasheet
266Kb / 12P
Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1110 LINER-LT1110 Datasheet
310Kb / 16P
Micropower DC-DC Converter Adjustable and Fixed 5V, 12V
LT1111 LINER-LT1111 Datasheet
337Kb / 16P
Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1111 LINER-LT1111_03 Datasheet
237Kb / 16P
Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1073 LINER-LT1073_15 Datasheet
264Kb / 16P
Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1107 LINER-LT1107_15 Datasheet
217Kb / 16P
Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1173 LINER-LT1173_15 Datasheet
267Kb / 16P
Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1108 LINER-LT1108_15 Datasheet
241Kb / 12P
Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1111 LINER-LT1111_15 Datasheet
247Kb / 16P
Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com