Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1073CS8 Datasheet(PDF) 12 Page - Linear Technology

Part # LT1073CS8
Description  Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1073CS8 Datasheet(HTML) 12 Page - Linear Technology

Back Button LT1073CS8 Datasheet HTML 8Page - Linear Technology LT1073CS8 Datasheet HTML 9Page - Linear Technology LT1073CS8 Datasheet HTML 10Page - Linear Technology LT1073CS8 Datasheet HTML 11Page - Linear Technology LT1073CS8 Datasheet HTML 12Page - Linear Technology LT1073CS8 Datasheet HTML 13Page - Linear Technology LT1073CS8 Datasheet HTML 14Page - Linear Technology LT1073CS8 Datasheet HTML 15Page - Linear Technology LT1073CS8 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
LT1073
12
TYPICAL APPLICATIO S
1.5V to 12V Step-Up Converter
3V to 5V Step-Up Converter
3V to 12V Step-Up Converter
3V to 15V Step-Up Converter
+
L1
†
68
µH
12V OUTPUT
35mA AT
VBATTERY = 2V
47
µF
LT1073-12
ILIM
VIN
SW1
SENSE
SW2
GND
TWO
1.5V
CELLS
1N5818
† L1 = GOWANDA GA10-682k
OR CADDELL-BURNS 7300-11
100
Ω
1073 TA07
+
L1
†
68
µH
15V OUTPUT
27mA AT
VBATTERY = 2V
47
µF
LT1073
ILIM
VIN
SW1
FB
SW2
GND
TWO
1.5V
CELLS
1N5818
* 1% METAL FILM
† L1 = GOWANDA GA10-682k
OR CADDELL-BURNS 7300-11
100
Ω
1073 TA08
1M*
14.3k*
+
L1
†
120
µH
12V OUTPUT
5mA AT VBATTERY = 1V
16mA AT VBATTERY = 1.5V
47
µF
1073 TA05
LT1073-12
ILIM
VIN
SW1
SENSE
SW2
GND
1.5V
CELL
1N5818
† L1 = GOWANDA GA10-123k
OR CADDELL-BURNS 7300-14
+
L1
†
68
µH
5V OUTPUT
100mA AT
VBATTERY = 2V
100
µF
LT1073-5
ILIM
VIN
SW1
SENSE
SW2
GND
TWO
1.5V
CELLS
1N5818
† L1 = GOWANDA GA10-682k
OR CADDELL-BURNS 7300-11
100
Ω
1073 TA06
+
L1
†
150
µH
12V OUTPUT
130mA AT 4.5VIN
100
µF
+
100
µF
LT1073-12
ILIM
VIN
SW1
SENSE
SW2
GND
1N5818
† L1 = GOWANDA GA20-153k
OR CADDELL-BURNS 7200-15
50
Ω
1073 TA09
5VIN
+
L1
†
150
µH
15V OUTPUT
100mA AT 4.5VIN
100
µF
+
100
µF
LT1073
ILIM
VIN
SW1
FB
SW2
GND
1N5818
* 1% METAL FILM
† L1 = GOWANDA GA20-153k
OR CADDELL-BURNS 7200-15
50
Ω
1073 TA10
1M*
14.3k*
5VIN
5V to 12V Step-Up Converter
5V to 15V Step-Up Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com