Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3751EUFD Datasheet(PDF) 7 Page - Linear Technology

Part # LT3751EUFD
Description  Capacitor Charger Controller with Regulation
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3751EUFD Datasheet(HTML) 7 Page - Linear Technology

Back Button LT3751EUFD Datasheet HTML 3Page - Linear Technology LT3751EUFD Datasheet HTML 4Page - Linear Technology LT3751EUFD Datasheet HTML 5Page - Linear Technology LT3751EUFD Datasheet HTML 6Page - Linear Technology LT3751EUFD Datasheet HTML 7Page - Linear Technology LT3751EUFD Datasheet HTML 8Page - Linear Technology LT3751EUFD Datasheet HTML 9Page - Linear Technology LT3751EUFD Datasheet HTML 10Page - Linear Technology LT3751EUFD Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
LT3751
7
3751f
TYPICAL PERFORMANCE CHARACTERISTICS
OVLO1 (Pin 1): VTRANS Overvoltage Lockout Pin. Senses
when VTRANS rises above:
VOVLO1 = 1.225+ 50μA•ROVLO1
and trips the FAULT latch low, disabling switching. After
VTRANS drops below VOVLO1, toggling the CHARGE pin
reactivates switching.
UVLO2 (Pin 2): VCC Undervoltage Lockout Pin. Senses
when VCC drops below:
VUVLO2 = 1.225+ 50μA•RUVLO2
and trips the FAULT latch low, disabling switching. After
VCC rises above VUVLO2, toggling the CHARGE pin reac-
tivates switching.
OVLO2 (Pin 3): VCC Overvoltage Lockout Pin. Senses
when VCC rises above:
VOVLO2 = 1.225+ 50μA•ROVLO2
and trips the FAULT latch low, disabling switching. After
VCC drops below VOVLO2, toggling the CHARGE pin reac-
tivates switching.
FAULT (Pin 4): Open Collector Indication Pin. When either
VTRANS or VCC exceeds the user-selected voltage range, a
transistor turns on. The part will stop switching. This pin
needs a proper pull-up resistor or current source.
DONE (Pin 5): Open Collector Indication Pin. When the
target output voltage (charge mode) is reached, a transis-
tor turns on. This pin needs a proper pull-up resistor or
current source.
CHARGE (Pin 6): Charge Pin. Initiates a new charge cycle
(charge mode) or enables the part (regulation mode)
when driven higher than 1.5V. Bring this pin below 0.3V
to discontinue charging and put the part into shutdown.
Turn-on ramp rates should be between 10ns to 10ms.
CHARGE pin should not be directly ramped with VCC or
LT3751 may not properly initiate.
CLAMP (Pin 7): Internal Clamp Voltage Selection Pin.
Tie this pin to VCC to activate the internal 5.6V gate driver
clamp. Tie this pin to ground to activate the internal 10.5V
gate driver clamp.
FB (Pin 8): Feedback Regulation Pin. Use this pin to achieve
low noise voltage regulation. FB is internally regulated
to 1.22V when a resistive divider is tied from this pin to
the output. FB pin should not float. Tie FB pin to either a
resistor divider or ground.
HVGATE Pin Clamp Voltage
vs Temperature
–40
5.70
5.65
5.60
5.55
5.50
40
60
0
80
100
3751 G18
120
20
TEMPERATURE (°C)
–20
VCC = 12V
CLAMP = 12V
PIN FUNCTIONS
DCM Trip Voltage (VDRAIN –
VTRANS) vs Temperature (RVTRANS
= RDCM = 25kΩ)
–40
0.64
0.62
0.60
0.58
0.56
0.54
40
080
3751 G19
120
TEMPERATURE (°C)
VTRANS = 5V
VTRANS = 12V
VTRANS = 24V
VTRANS = 48V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com