Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3751EUFD Datasheet(PDF) 12 Page - Linear Technology

Part # LT3751EUFD
Description  Capacitor Charger Controller with Regulation
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3751EUFD Datasheet(HTML) 12 Page - Linear Technology

Back Button LT3751EUFD Datasheet HTML 8Page - Linear Technology LT3751EUFD Datasheet HTML 9Page - Linear Technology LT3751EUFD Datasheet HTML 10Page - Linear Technology LT3751EUFD Datasheet HTML 11Page - Linear Technology LT3751EUFD Datasheet HTML 12Page - Linear Technology LT3751EUFD Datasheet HTML 13Page - Linear Technology LT3751EUFD Datasheet HTML 14Page - Linear Technology LT3751EUFD Datasheet HTML 15Page - Linear Technology LT3751EUFD Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
LT3751
12
3751f
OPERATION
At very low output voltages, the boundary-mode switching
cycle period increases significantly such that the energy
stored in the transformer core is not depleted before the
next clock cycle. In this situation, the clock may initiate
another switching cycle before the secondary winding
current reaches zero and cause the LT3751 to enter con-
tinuous-mode conduction. Normally, this is not a problem;
however, if the secondary energy transfer time is much
longer than the CLK period, significant primary current
overshoot can occur. This is due to the non-zero starting
point of the primary current when the switch turns on and
the finite speed of the current comparator.
The LT3751 startup circuitry adds an auxiliary current
comparator with a trip level 50% higher than the nominal
trip level. Every time the auxiliary current comparator
trips, the required clock count between switching cycles is
incremented by one. This allows more time for secondary
energy transfer.
Counter 1 in Figure 3 is set to its maximum count when
the first DCM comparator one-shot is generated. If no
DCM one-shot is initiated in normal boundary-mode
operation during a maximum count of approximately
500μs, the LT3751 re-enters start-up mode and the count
is returned to zero.
Note that Counter 1 is initialized to zero at start-up. Thus,
the output of the startup circuitry will go high after one clock
cycle. Counter 2 is reset when the gate driver goes high.
This repeats until either the auxiliary current comparator
increments the required clock count or until VDRAIN is high
enough to sustain normal operation described in steps 2
through 4 in the previous section.
Entering Normal Boundary Mode
The LT3751 has two DCM comparator thresholds that are
dependent on what mode the part is in, either start-up
mode or normal boundary-mode, and the state of the mode
latch. For boundary-mode switching, the LT3751 requires
the DCM sense voltage (VDRAIN) to exceed VTRANS by the
ΔDCM comparator threshold, ΔVDRAIN:
ΔVDRAIN = (40μA + IOFFSET) • RDCM – 40μA • RVTRANS
where IOFFSET is mode dependent. The DCM one-shot
signal is negative edge triggered by the switch node,
VDRAIN, and indicates that the energy in the secondary
winding has depleted. For this to happen, VDRAIN must
exceed VTRANS + ΔVDRAIN prior to its negative edge; oth-
erwise, the DCM comparator will not generate a one-shot
to initiate the next switching cycle. The part would remain
stuck in this state indefinitely; however, the LT3751 uses
the start-up protection circuitry to jumpstart switching if
the DCM comparator does not generate a one-shot after
a maximum time-out of 500μs.
Figure 4 shows a typical VDRAIN node waveform with
a test circuit voltage clamp applied to the output. VTH1
is the start-up threshold and is set internally by forcing
IOFFSET to 40μA. Once the first DCM one-shot is initiated,
the mode latch is set to boundary-mode. The mode latch
then sets the clock count to maximum (500μs) and lowers
the DCM comparator threshold to VTH2 (IOFFSET = 20μA).
This provides needed hysteresis between start-up mode
and boundary-mode operation.
LOW NOISE REGULATION
Low noise voltage regulation can be achieved by adding
a resistive divider from the output node to the LT3751 FB
pin. At start-up (FB pin below 1.16V), the LT3751 enters
the charge mode to rapidly charge the output capacitor.
Once the FB pin is within the threshold range of 1.16V
to 1.34V, the part enters into low noise regulation. The
switching methodology in regulation mimics that used
in the capacitor charging mode, but with the addition of
peak current and duty cycle control techniques. Figure 5
shows the steady state operation for both regulation
techniques. Figure 6 shows how both techniques are
combined to provide stable, low noise operation over a
wide load and supply range.
During heavy load conditions, the LT3751 sets the peak
primary current to its maximum value, 106mV/RSENSE and
sets the maximum duty cycle to approximately 95%. This
allows for maximum power delivery. At very light loads,
the opposite occurs, and the LT3751 reduces the peak
primary current to approximately one tenth its maximum
value while modulating the duty cycle below 10%. The
LT3751 controls moderate loads with a combination of
peak current mode control and duty cycle control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com