Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3751EUFD Datasheet(PDF) 22 Page - Linear Technology

Part # LT3751EUFD
Description  Capacitor Charger Controller with Regulation
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3751EUFD Datasheet(HTML) 22 Page - Linear Technology

Back Button LT3751EUFD Datasheet HTML 18Page - Linear Technology LT3751EUFD Datasheet HTML 19Page - Linear Technology LT3751EUFD Datasheet HTML 20Page - Linear Technology LT3751EUFD Datasheet HTML 21Page - Linear Technology LT3751EUFD Datasheet HTML 22Page - Linear Technology LT3751EUFD Datasheet HTML 23Page - Linear Technology LT3751EUFD Datasheet HTML 24Page - Linear Technology LT3751EUFD Datasheet HTML 25Page - Linear Technology LT3751EUFD Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
LT3751
22
3751f
APPLICATIONS INFORMATION
Large Signal Stability
Large signal stability can be an issue when audible noise
is a concern. Figure 13 shows that the problem originates
from the one-shot clock and the output voltage ripple. The
load must be constrained such that the output voltage
ripple does not exceed the regulation range of the error
amplifier within one clock period (approximately 6mV
referred to the FB pin).
The output capacitance should be increased if oscillations
occur or audible noise is present. Use Figure 14 to deter-
mine the maximum load for a given output capacitance to
maintain low audible noise operation. A small capacitor
can also be added from the FB pin to ground to lower the
ripple injected into FB pin.
Small Signal Stability
The LT3751’s error amplifier is internally compensated to
increase its operating range but requires the converter’s
output node to be the dominant pole. Small signal stability
constraints become more prevalent during high-load-
ing conditions where the dominant output pole moves
to higher frequency and closer to the internal feedback
poles and zeros. The feedback loop requires the output
pole frequency to remain below 200Hz to guarantee small
signal stability. This allows smaller RLOAD values then the
large signal constraint. Thus, small signal issues should
not arise if the large signal constraint is met.
Figure 14. COUT(MIN) vs Output Power
OUTPUT POWER (W)
0
30
25
15
5
20
10
0
150
3751 F14
200
50
100
VOUT = 150V
VOUT = 300V
VOUT = 600V
Figure 13. Voltage Ripple Stability Constraint
VOUT
3751 F13
26kHz
ONE-SHOT
CLK
IPRI
LOAD
DROOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com