Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3751EUFD Datasheet(PDF) 14 Page - Linear Technology

Part # LT3751EUFD
Description  Capacitor Charger Controller with Regulation
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3751EUFD Datasheet(HTML) 14 Page - Linear Technology

Back Button LT3751EUFD Datasheet HTML 10Page - Linear Technology LT3751EUFD Datasheet HTML 11Page - Linear Technology LT3751EUFD Datasheet HTML 12Page - Linear Technology LT3751EUFD Datasheet HTML 13Page - Linear Technology LT3751EUFD Datasheet HTML 14Page - Linear Technology LT3751EUFD Datasheet HTML 15Page - Linear Technology LT3751EUFD Datasheet HTML 16Page - Linear Technology LT3751EUFD Datasheet HTML 17Page - Linear Technology LT3751EUFD Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
LT3751
14
3751f
OPERATION
Periodic Refresh
When the LT3751 enters regulation, the internal circuitry
deactivates switching when the internal one-shot clock
is high. The clock operates at a 1/20th duty cycle with a
minimum blank time of 1.5μs. This reset pulse is timed to
drastically reduce switching frequency content within the
audio spectrum and is active during all loading conditions.
Each reset pulse guarantees at least one energy cycle. A
minimum load is required to prevent the LT3751 from
entering overvoltage Burst Mode Operation.
Heavy Load Operation
The LT3751 enters peak current mode control at higher
output load conditions. The control loop maximizes the
number of switch cycles between each reset pulse. Since
the control scheme operates in boundary mode, the reso-
nant boundary-mode period changes with varying peak
primary current:
Period
=IPK •LPRI •
1
VTRANS
+
N
VOUT
⎡
⎣
⎢
⎤
⎦
⎥
and the power output is proportional to the peak primary
current:
POUT =
1/ 2 •IPK
1
VTRANS
+
N
VOUT
⎡
⎣
⎢
⎤
⎦
⎥
Noise becomes an issue at very low load currents. The
LT3751 remedies this problem by setting the lower peak
current limit to one tenth the maximum level and begins
to employ duty-cycle control.
Light Load Operation
The LT3751 uses duty cycle control to drastically reduce
audible noise in both the transformer (mechanical) and
the ceramic capacitors (piezoelectric effects). Internal
control circuitry forces a one-shot condition at a periodic
rate greater than 20kHz and out of the audio spectrum.
The regulation loop then determines the number of pulses
that are required to maintain the correct output voltage.
Figure 5 shows the use of duty-cycle control.
No Load Operation
The LT3751 can remain in low noise regulation at very low
loading conditions. Below a certain load current threshold
(Light Load Operation), the output voltage would continue
to increase and a runaway condition could occur. This is
due to the periodic one-shot forced by the periodic refresh
circuitry. By design, the LT3751 has built-in overvoltage
protection associated with the FB pin.
When the FB pin voltage exceeds 1.34V (±20mV), the
LT3751 enters overvoltage Burst Mode Operation.
Overvoltage Burst Mode Operation does not reset with
the one-shot clock. Instead, the pulse train is completely
load-dependent. These bursts are asynchronous and can
contain long periods of inactivity. This allows regulation at
a no-load condition but with the increase of audible noise
and voltage ripple. Note that when operating in overvoltage
Burst Mode Operation, the output voltage will increase
10% above the nominal output voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com