Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3751EUFD Datasheet(PDF) 20 Page - Linear Technology

Part # LT3751EUFD
Description  Capacitor Charger Controller with Regulation
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3751EUFD Datasheet(HTML) 20 Page - Linear Technology

Back Button LT3751EUFD Datasheet HTML 16Page - Linear Technology LT3751EUFD Datasheet HTML 17Page - Linear Technology LT3751EUFD Datasheet HTML 18Page - Linear Technology LT3751EUFD Datasheet HTML 19Page - Linear Technology LT3751EUFD Datasheet HTML 20Page - Linear Technology LT3751EUFD Datasheet HTML 21Page - Linear Technology LT3751EUFD Datasheet HTML 22Page - Linear Technology LT3751EUFD Datasheet HTML 23Page - Linear Technology LT3751EUFD Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
LT3751
20
3751f
APPLICATIONS INFORMATION
Care should also be taken in placement of the sense lines.
The negative return line, CSN, must be a dedicated trace
to the low side resistor terminal. Haphazardly routing the
CSN connection to the ground plane can cause inaccurate
current limit.
Under/Overvoltage Lockout
The LT3751 provides user-programmable under and
overvoltage lockouts for both VCC and VTRANS. Use the
equations in the Pin Functions section for proper selection
of resistor values. When under/overvoltage lockout com-
parators are tripped, the master latch is disabled, power
delivery is halted, and the FAULT pin goes low. Adequate
supply bulk capacitors should be used to reduce power
supply voltage ripple that could cause false tripping during
normal switching operation.
The LT3751 provides internal zener clamping diodes to
protect itself in shutdown when VTRANS is operated above
55V. Supply voltages should only be applied to UVLO1,
UVLO2, OVLO1 and OVLO2 with series resistance such
that the Absolute Maximum pin currents are not exceeded.
Pin current can be calculated using:
IPIN =
VAPPLIED − 55V
RSERIES
Note that in shutdown, RVTRANS, RVOUT, RDCM, UVLO1,
UVLO2, OVLO1 and OVLO2 currents increase significantly
when operating VTRANS above the zener clamp voltages
and are inversely proportional to the external series pin
resistances.
NMOS Snubber Design
The transformer leakage inductance causes a parasitic
voltage spike on the drain of the power NMOS switch dur-
ing the turn-off transition. Transformer leakage inductance
effects become more apparent at high peak primary cur-
rents. The worst-case magnitude of the voltage spike is
determined by the energy stored in the leakage inductance
and the total capacitance on the VDRAIN node.
VD,LEAK =
LLEAK •I
2
PK
CVDRAIN
Two problems can arise from large VD,LEAK. First, the
magnitude of the spike may require an NMOS with an
unnecessarily high V(BR)DSS which equates to a larger
RDS(ON). Secondly, the VDRAIN node will ring—possibly
below ground—causing false tripping of the DCM com-
parator or damage to the NMOS switch (see Figure 12).
Both issues can be remedied using a snubber. If leakage
inductance causes issues, it is recommended to use a RC
snubber in parallel with the primary winding, as shown
in Figure 11. Size CSNUB and RSNUB based on the desired
leakage spike voltage, known leakage inductance, and an
RC time constant less than 1μs. Otherwise, the leakage
voltage spike can cause false tripping of the VOUT com-
parator and stop charging prematurely.
Figure 11. RC Snubber Circuit
3751 F11
LPRI
RSNUB
CSNUB
LLEAK
•
•
CVDRAIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com