Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3751EUFD Datasheet(PDF) 25 Page - Linear Technology

Part # LT3751EUFD
Description  Capacitor Charger Controller with Regulation
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3751EUFD Datasheet(HTML) 25 Page - Linear Technology

Back Button LT3751EUFD Datasheet HTML 20Page - Linear Technology LT3751EUFD Datasheet HTML 21Page - Linear Technology LT3751EUFD Datasheet HTML 22Page - Linear Technology LT3751EUFD Datasheet HTML 23Page - Linear Technology LT3751EUFD Datasheet HTML 24Page - Linear Technology LT3751EUFD Datasheet HTML 25Page - Linear Technology LT3751EUFD Datasheet HTML 26Page - Linear Technology LT3751EUFD Datasheet HTML 27Page - Linear Technology LT3751EUFD Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
LT3751
25
3751f
TYPICAL APPLICATIONS
42A Capacitor Charger
CHARGE
CLAMP
VCC
DONE
FAULT
UVLO1
OVLO1
UVLO2
OVLO2
RDCM
RVOUT
HVGATE
LVGATE
CSP
CSN
FB
RVTRANS
T1**
1:10
D1
VOUT
500V
VTRANS
12V TO 24V
VCC
3751 TA02
LT3751
GND RBG
R6
40.2k
OFF ON
C3
1000μF
C2
10μF
VCC
12V TO 24V
C1
10μF
•
•
R7, 18.2k
R8, 40.2k
M1, M2*
R5
2.5mΩ
D2***
+
C4
1200μF
R9
787Ω
VTRANS
VCC
R11, 100k
R12, 100k
R1, 191k
R2, 475k
R3, 191k
R4, 475k
C1: 25V X5R OR X7R CERAMIC CAPACITOR
C2: 25V X5R OR X7R CERAMIC CAPACITOR
C3: 25V ELECTROLYTIC
C4: HITACHI FX22L122Y 1200μF, 550V ELECTROLYTIC
D1, D2: VISHAY GURB5H60 600V, 5A ULTRAFAST RECTIFIER
M1, M2: 2 PARALLEL VISHAY SUD33N20-60P 200V, 33A NMOS
R1 THRU R4: USE 1% RESISTORS
R6 THRU R8: USE 1% 0805 RESISTORS
R5: USE 2 PARALLEL 5mΩ IRC LR SERIES 2512 RESISTORS
T1: COILCRAFT GA-3460-BL 50A SURACE MOUNT TRANSFORMER
*M1, M2 REQUIRES PROPER
HEATSINK/THERMAL DISSIPATION
TO MEET MANUFACTURER’S SPECIFICATIONS
**THERMAL DISSIPATION OF T1 WILL LIMIT
THE CHARGE/DISCHARGE DUTY CYCLE OF C4
***D2 MAY BE OMITTED FOR OUTPUT
VOLTAGE OPERATION BELOW 300V
DANGER HIGH VOLTAGE! OPERATION BY HIGH VOLTAGE TRAINED PERSONNEL ONLY
FOR ANY VOUT VOLTAGE BETWEEN
50V AND 500V SELECT R9 ACCORDING TO:
R9 = 0.98 •N •
40.2k
VOUT + VDIODE
Charging Efficiency
vs Output Voltage
Output Capacitor Charge Times
vs Capacitance
Charging Waveform
OUTPUT VOLTAGE (V)
50
85
80
75
70
65
450
3751 TA02b
250
350
150
VTRANS = 12V
VTRANS = 24V
OUTPUT CAPACITANCE (μF)
200
1200
800
400
0
1000
3751 TA02c
1200
800
600
400
VOUT = 500V, VTRANS = 24V
VOUT = 500V, VTRANS = 12V
VOUT = 300V, VTRANS = 24V
VOUT = 300V, VTRANS = 12V
VOUT = 100V,
VTRANS = 24V
VOUT = 100V,
VTRANS = 12V
100ms/DIV
3751 TA02d
VOUT = 500V
VTRANS = 24V
C4 = 1200μF
AVERAGE
INPUT
CURRENT
5A/DIV
VOUT
100V/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com