Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3751EUFD Datasheet(PDF) 5 Page - Linear Technology

Part # LT3751EUFD
Description  Capacitor Charger Controller with Regulation
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3751EUFD Datasheet(HTML) 5 Page - Linear Technology

  LT3751EUFD Datasheet HTML 1Page - Linear Technology LT3751EUFD Datasheet HTML 2Page - Linear Technology LT3751EUFD Datasheet HTML 3Page - Linear Technology LT3751EUFD Datasheet HTML 4Page - Linear Technology LT3751EUFD Datasheet HTML 5Page - Linear Technology LT3751EUFD Datasheet HTML 6Page - Linear Technology LT3751EUFD Datasheet HTML 7Page - Linear Technology LT3751EUFD Datasheet HTML 8Page - Linear Technology LT3751EUFD Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
LT3751
5
3751f
TYPICAL PERFORMANCE CHARACTERISTICS
VCC Pin Current vs Pin Voltage
VTRANS Supply Current
vs Supply Voltage
CHARGE Pin Current
vs Pin Voltage
CHARGE Pin Minimum Enable
Voltage vs Temperature
CHARGE Pin Maximum Disable
Voltage vs Temperature
DONE, FAULT Pin Voltage Low
vs Temperature
VOUT Comparator Trip Voltage
vs Temperature
UVLO1 Trip Voltage
vs Temperature
UVLO1 Trip Current
vs Temperature
PIN VOLTAGE (V)
0
7
6
4
2
5
3
1
0
16
820
3751 G01
24
12
4
–40°C
25°C
125°C
PIN VOLTAGE (V)
0
150
145
135
120
125
140
130
115
110
40
20
50
3751 G02
60
30
10
–40°C
25°C
125°C
RVTRANS, RVOUT, RDCM = 25k
VCC, CHARGE = 5V
IVTRANS = IRVTRANS + IRVOUT + IRDCM
PIN VOLTAGE (V)
0
450
400
300
150
200
350
250
100
50
0
16
820
3751 G03
24
12
4
–40°C
25°C
125°C
–40
1.3
1.2
1.0
0.7
0.8
1.1
0.9
0.6
40
60
0
80
100
3751 G04
120
20
TEMPERATURE (°C)
–20
VCC = 5V
VCC = 12V
VCC = 24V
–40
1.2
1.1
0.9
0.6
0.7
1.0
0.8
0.5
40
60
0
80
100
3751 G05
120
20
TEMPERATURE (°C)
–20
VCC = 5V
VCC = 12V
VCC = 24V
–40
400
350
200
250
50
100
300
150
0
40
60
0
80
100
3751 G06
120
20
TEMPERATURE (°C)
–20
1mA SINK
100μA SINK
10μA SINK
–40
30.8
30.4
29.2
29.6
30.0
28.8
28.4
40
60
0
80
100
3751 G07
120
20
TEMPERATURE (°C)
–20
RVTRANS, RVOUT = 25.5k (RTOL = 1%)
VTRANS = 5V
VTRANS = 12V
VTRANS = 24V
VTRANS = 48V
VTRANS = 72V
–40
1.236
1.234
1.228
1.230
1.232
1.226
1.224
40
60
0
80
100
3751 G08
120
20
TEMPERATURE (°C)
–20
VCC = 5V
VCC = 12V
VCC = 24V
–40
50.5
50.4
49.9
50.2
50.1
50.0
50.3
49.8
49.7
40
60
0
80
100
3751 G09
120
20
TEMPERATURE (°C)
–20
VCC = 5V
VCC = 12V
VCC = 24V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com