Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3751EUFD Datasheet(PDF) 28 Page - Linear Technology

Part # LT3751EUFD
Description  Capacitor Charger Controller with Regulation
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3751EUFD Datasheet(HTML) 28 Page - Linear Technology

Back Button LT3751EUFD Datasheet HTML 20Page - Linear Technology LT3751EUFD Datasheet HTML 21Page - Linear Technology LT3751EUFD Datasheet HTML 22Page - Linear Technology LT3751EUFD Datasheet HTML 23Page - Linear Technology LT3751EUFD Datasheet HTML 24Page - Linear Technology LT3751EUFD Datasheet HTML 25Page - Linear Technology LT3751EUFD Datasheet HTML 26Page - Linear Technology LT3751EUFD Datasheet HTML 27Page - Linear Technology LT3751EUFD Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
LT3751
28
3751f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2008
LT 1108 • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATION
300V Regulated Power Supply
PART NUMBER
DESCRIPTION
COMMENTS
LTC3225
150mA Supercapacitor Charger
VIN: 2.75V to 5.5V, Charges Two Supercapacitors in Series to 4.8V or 5.3V
LT3420/LT3420-1
1.4A/1A, Photoflash Capacitor Charger
with Automatic Top-Off
Charges 220μF to 320V in 3.7 Seconds from 5V, VIN: 2.2V to 16V, ISD < 1μA,
10-Lead MS Package
LT3468/LT3468-1
LT3468-2
1.4A, 1A, 0.7A, Photoflash Capacitor Charger
VIN: 2.5V to 16V, Charge Time: 4.6 Seconds for LT3468 (0V to 320V, 100μF,
VIN = 3.6V), ISD < 1μA, ThinSOT™ Package
LT3484-0/LT3484-1
LT3484-2
1.4A, 0.7A, 1A Photoflash Capacitor Charger
VIN: 1.8V to 16V, Charge Time: 4.6 Seconds for LT3484-0 (0V to 320V, 100μF,
VIN = 3.6V), ISD < 1μA, 2mm × 3mm 6-Lead DFN Package
LT3485-0/LT3485-1
LT3485-2/LT3485-3
1.4A, 0.7A, 1A, 2A Photoflash Capacitor
Charger with Output Voltage Monitor and
Integrated IGBT
VIN: 1.8V to 10V, Charge Time: 3.7 Seconds for LT3485-0 (0V to 320V, 100μF,
VIN = 3.6V), ISD < 1μA, 3mm × 3mm 10-Lead DFN Package
LT3585-0/LT3585-1
LT3585-2/LT3585-3
1.2A, 0.55A, 0.85A, 1.7A Photoflash
Capacitor Charger with Adjustable Input
Current and IGBT Drivers
VIN: 1.5V to 16V, Charge Time: 3.3 Seconds for LT3585-3 (0V to 320V, 100μF,
VIN = 3.6V), ISD < 1μA, 3mm × 2mm DFN-10 Package
LT3750
Capacitor Charger Controller
VIN: 3V to 24V, Charge Time: 300ms for (0V to 300V, 100μF) MSOP-10 Package
ThinSOT is a trademark of Linear Technology Corporation.
UVLO1
OVLO1
UVLO2
OVLO2
RDCM
RVTRANS
T1
1:10
D1
VOUT
300V
0mA TO 270mA
VTRANS
24V
VCC
C3
680μF
3751 TA05
LT3751
GND
RBG
R6
40.2k
OFF ON
C2
5× 2.2μF
VCC
24V
C1
10μF
•
•
R7
18.2k
M1
R5
6mΩ
+
C4
20μF
R8
274k
VTRANS
VCC
R9
1.13k
R1
432k
R2
475k
R4
475k
R3
432k
TO
MICRO
C1: 25V X5R OR X7R CERAMIC CAPACITOR
C2: 25V X5R OR X7R CERAMIC CAPACITOR
C3: 25V ELECTROLYTIC
C4: 330V RUBYCON PHOTOFLASH CAPACITOR
D1: VISHAY USIM 1000V
M1: FAIRCHILD FQP34N20L
R1 THROUGH R4: USE 1% 0805 RESISTORS
R5: USE TWO PARALLEL 5mΩ IRC LR SERIES 2512 RESISTORS
T1: SUMIDA PS07-299, 20A TRANSFORMER
CSN
FB
DONE
FAULT
VCC
CLAMP
CHARGE
RVOUT
HVGATE
LVGATE
CSP
C5
10nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com