Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3751EUFD Datasheet(PDF) 18 Page - Linear Technology

Part # LT3751EUFD
Description  Capacitor Charger Controller with Regulation
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3751EUFD Datasheet(HTML) 18 Page - Linear Technology

Back Button LT3751EUFD Datasheet HTML 14Page - Linear Technology LT3751EUFD Datasheet HTML 15Page - Linear Technology LT3751EUFD Datasheet HTML 16Page - Linear Technology LT3751EUFD Datasheet HTML 17Page - Linear Technology LT3751EUFD Datasheet HTML 18Page - Linear Technology LT3751EUFD Datasheet HTML 19Page - Linear Technology LT3751EUFD Datasheet HTML 20Page - Linear Technology LT3751EUFD Datasheet HTML 21Page - Linear Technology LT3751EUFD Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
LT3751
18
3751f
APPLICATIONS INFORMATION
RVOUT & RBG Selection
RVOUT should be selected based on VOUT comparator trip
current. RVOUT current should be designed between 100μA
and 4mA to maintain accuracy.
RVOUT =
VOUT,TRIP + VDIODE
N
⎛
⎝⎜
⎞
⎠⎟
+ VTRANS − 55V
400
μA
RBG sets the trip current and is directly related to the
selection of RVOUT.
RBG =
0.98 •RVOUT
VOUT,TRIP + VDIODE
N
⎛
⎝⎜
⎞
⎠⎟
− VTRANS
RVOUT
RVTRANS
− 1
⎛
⎝⎜
⎞
⎠⎟
NMOS Switch Selection
Choose an external NMOS power switch with minimal gate
charge and on-resistance that satisfies current limit and
voltage break-down requirements. The gate is nominally
driven to VCC – 2V during each charge cycle. Ensure that
this does not exceed the maximum gate to source voltage
rating of the NMOS but enhances the channel enough to
minimize the on-resistance.
Similarly, the maximum drain-source voltage rating of the
NMOS must exceed VTRANS + VOUT/N or the magnitude
of the leakage inductance spike, whichever is greater. The
maximum instantaneous drain current rating must exceed
selected current limit. Because the switching period de-
Table 2. Recommended NMOS Transistors
MANUFACTURER
PART NUMBER
ID (A)
VDS(MAX) (V)
RDS(ON) (mΩ)
QG(TOT) (nC)
PACKAGE
Fairchild Semiconductor
www.fairchildsemi.com
FDS2582
FQB19N20L
FQP34N20L
4.1
21
31
150
200
200
66
140
75
11
27
55
SO-8
TO-252
TO-220
On Semiconductor
www.onsemi.com
MTD6N15T4G
NTD12N10T4G
NTB30N20T4G
NTB52N10T4G
6
12
30
52
150
100
200
100
300
165
81
30
15
14
75
72
DPAK
DPAK
D2PAK
D2PAK
Vishay
www.vishay.com
Si7820DN
Si7818DN
SUP33N20-60P
2.6
3.4
33
200
150
200
240
135
60
12.1
20
53
1212-8
1212-8
TO-252
creases with output voltage, the average current though
the NMOS is greatest when the output is nearly charged
and is given by:
IAVG,M =
IPK •VOUT(PK)
2(VOUT(PK) +N• VTRANS)
See Table 2 for recommended external NMOS transistors.
Gate Driver Operation
The LT3751 gate driver has an internal, selectable 10.5V
or 5.6V clamp with up to 2A current capability (using
LVGATE). For 10.5V operation, tie CLAMP pin to ground,
and for 5.6V operation, tie the CLAMP pin to the VCC pin.
Choose a clamp voltage that does not exceed the NMOS
manufacturer’s maximum VGS ratings. The 5.6V clamp
can also be used to reduce LT3751 power dissipation
and increase efficiency when using logic-level FETs. The
typical gate driver overshoot voltage is 0.5V above the
clamp voltage.
The LT3751’s gate driver also incorporates a PMOS pull-up
device via the LVGATE pin. The PMOS pull-up driver should
only be used for VCC applications of 8V or below. Operating
LVGATE with VCC above 8V will cause permanent damage
to the part. LVGATE is active when tied to HVGATE and
allows rail-to-rail gate driver operation. This is especially
useful for low VCC applications, allowing better NMOS
drive capability. It also provides the fastest rise times,
given the larger 2A current capability verses 1.5A when
using only HVGATE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com