Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1402IGN Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1402IGN
Description  Serial 12-Bit, 2.2Msps Sampling ADC with Shutdown
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1402IGN Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1402IGN Datasheet HTML 3Page - Linear Technology LTC1402IGN Datasheet HTML 4Page - Linear Technology LTC1402IGN Datasheet HTML 5Page - Linear Technology LTC1402IGN Datasheet HTML 6Page - Linear Technology LTC1402IGN Datasheet HTML 7Page - Linear Technology LTC1402IGN Datasheet HTML 8Page - Linear Technology LTC1402IGN Datasheet HTML 9Page - Linear Technology LTC1402IGN Datasheet HTML 10Page - Linear Technology LTC1402IGN Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
7
LTC1402
PIN FUNCTIONS
AVDD (Pin 1): 5V Analog Power Supply. Bypass to AGND1
and solid analog ground plane with 10
µF ceramic (or 10µF
tantalum in parallel with 0.1
µF ceramic).
AGND1 (Pin 2): Analog Ground. Tie to solid analog ground
plane. The analog ground plane should be solid and have
no cuts near the LTC1402.
AIN+ (Pin 3): Positive Analog Signal Input. 0V to 4.096V in
unipolar mode and
±2.048V in bipolar mode when AIN– is
grounded. Both of these ranges operate fully differentially
with respect to AIN–. (Note 3)
AIN– (Pin4):NegativeAnalogSignalInput.Canbegrounded
or driven differentially with AIN+. Identical to AIN+, except
that it inverts the input signal. (Note 3)
VREF (Pin 5): 4.096V Reference Voltage Output. Bypass to
AGND1 and solid analog ground plane with 10
µF ceramic
(or 10
µF tantalum in parallel with 0.1µF ceramic).
AGND2 (Pin 6): Analog Ground Return for the Reference
and Internal CDAC. AGND2 could be overdriven externally
above ground. Tie to solid analog ground plane.
Differential Nonlinearity
vs Output Code (Unipolar)
Integral Nonlinearity
vs Output Code (Unipolar)
Negative Power Supply Rejection
for VREF
Positive Power Supply Rejection
for VREF
CODE
0
0
0.50
4096
1402 G16
–0.50
–1.00
1024
2048
3072
512
1536
2560
3584
1.00
–0.25
0.25
–0.75
0.75
fSAMPLE = 2.2MHz
CODE
0
0
0.50
4096
1402 G17
–0.50
–1.00
1024
2048
3072
512
1536
2560
3584
1.00
–0.25
0.25
–0.75
0.75
fSAMPLE = 2.2MHz
VSS (V)
–5
4.065
4.070
4.075
4.080
4.085
4.090
4.095
– 4
–3
–2
–1
1402 G19
0
VDD (V)
4.5
4.065
4.070
4.075
4.080
4.085
4.090
4.095
4.75
5.0
5.25
5.5
5.75
1402 G21
6.0
Differential Nonlinearity
vs Output Code (Bipolar)
Integral Nonlinearity
vs Output Code (Bipolar)
CODE
0
0
0.50
4096
1402 G14
–0.50
–1.00
1024
2048
3072
512
1536
2560
3584
1.00
–0.25
0.25
–0.75
0.75
fSAMPLE = 2.2MHz
CODE
0
0
0.50
4096
1402 G15
–0.50
–1.00
1024
2048
3072
512
1536
2560
3584
1.00
–0.25
0.25
–0.75
0.75
fSAMPLE = 2.2MHz
TYPICAL PERFOR A CE CHARACTERISTICS (Bipolar Mode Plots Run with Dual ±5V Supplies.
Unipolar Mode Plots Run with a Single 5V Supply. VDD = 5V, VSS = – 5V for Bipolar, VDD = 5V, VSS = 0V for Unipolar), TA = 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com