Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1402IGN Datasheet(PDF) 12 Page - Linear Technology

Part # LTC1402IGN
Description  Serial 12-Bit, 2.2Msps Sampling ADC with Shutdown
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1402IGN Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC1402IGN Datasheet HTML 8Page - Linear Technology LTC1402IGN Datasheet HTML 9Page - Linear Technology LTC1402IGN Datasheet HTML 10Page - Linear Technology LTC1402IGN Datasheet HTML 11Page - Linear Technology LTC1402IGN Datasheet HTML 12Page - Linear Technology LTC1402IGN Datasheet HTML 13Page - Linear Technology LTC1402IGN Datasheet HTML 14Page - Linear Technology LTC1402IGN Datasheet HTML 15Page - Linear Technology LTC1402IGN Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
12
LTC1402
APPLICATIONS INFORMATION
ADC can then be adjusted to match the peak input signal,
maximizing the signal-to-noise ratio. The filtering of the
internal LTC1402 reference amplifier will limit the band-
width and settling time of this circuit. A settling time of
5ms should be allowed after a reference adjustment.
DIFFERENTIAL INPUTS
The LTC1402 has a unique differential sample-and-hold
circuit that allows inputs from –2.5V to 5V. The ADC will
always convert the difference of AIN+ – AIN– independent
of the common mode voltage. The common mode rejec-
tion holds up at extremely high frequencies, see Figure 7.
The only requirement is that both inputs not exceed
– 2.5V or 5V. Integral nonlinearity errors (INL) and differ-
ential nonlinearity errors (DNL) are independent of the
common mode voltage. However, the bipolar zero error
(BZE) will vary. The change in BZE is typically less than
0.1% of the common mode voltage. Figure 5b shows the
use of bipolar mode with single 5V supply.
Figure 5a. Using the LT1019-2.5 as an External Reference
LTC1402
LT1019-2.5
AIN
+
ANALOG INPUT
5V
5V
AIN
VREF
VOUT
VIN
AGND2
GAIN
1402 F04a
3
4
5
6
7
10
µF
LTC1402
LT1019-2.5
AIN
+
VIN
2.5V
±2.048V
5V
AIN
VREF
BIP
VIN
AGND2
14
VSS
GAIN
1402 F04a
3
4
5
6
7
10
µF
10
µF
2.5V
5V
8
Figure 5b. Bipolar Mode with Single Supply
Figure 6. Driving VREF with a 12 Bit, VOUT DAC
LTC1402
AIN
+
ANALOG INPUT
5V
AIN
VREF
AGND2
GAIN
1402 F06
3
4
5
6
7
10
µF
LTC1451
INTERNAL REFERENCE
The LTC1402 has an on-chip, temperature compensated,
curvature corrected, bandgap reference that is factory
trimmed to 2.048V. It is connected internally to a reference
amplifier, see Figure 4. The reference amplifier amplifies
the voltage at the VREF pin by 2 to create the required
internal reference voltage of 4.096V. This provides buffer-
ing for the high speed capacitive DAC. The reference
amplifier output VREF, (Pin 5) must be bypassed with a
capacitor to ground. The reference amplifier is stable with
capacitors of 1
µF or greater. For the best noise perfor-
mance, a 10
µF ceramic or a 10µF tantalum in parallel with
a 0.1
µF ceramic is recommended.
The VREF pin can be driven with an external reference as
shown in Figure 5a. The GAIN pin (Pin 7) is tied to the
positive supply to disable the internal reference buffer.
A DAC may also be used to drive VREF as shown in
Figure 6. This is useful in applications where the peak
input signal amplitude may vary. The input span of the
Figure 4. LTC1402 Reference Circuit
64k
64k
REFERENCE
AMP
10
µF
GAIN
VREF
BANGAP
REFERENCE
5
7
AGND2
6
4.096V
LTC1402
+
2.048V
1402 F04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com