Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1402IGN Datasheet(PDF) 17 Page - Linear Technology

Part # LTC1402IGN
Description  Serial 12-Bit, 2.2Msps Sampling ADC with Shutdown
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1402IGN Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC1402IGN Datasheet HTML 13Page - Linear Technology LTC1402IGN Datasheet HTML 14Page - Linear Technology LTC1402IGN Datasheet HTML 15Page - Linear Technology LTC1402IGN Datasheet HTML 16Page - Linear Technology LTC1402IGN Datasheet HTML 17Page - Linear Technology LTC1402IGN Datasheet HTML 18Page - Linear Technology LTC1402IGN Datasheet HTML 19Page - Linear Technology LTC1402IGN Datasheet HTML 20Page - Linear Technology LTC1402IGN Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
17
LTC1402
APPLICATIONS INFORMATION
edge of CONV. Please note the delay specification from
SCK to a valid DOUT. DOUT is always guaranteed to be valid
by the next rising edge of SCK.
DIGITAL JITTER AT CONV (PIN 16)
In high speed applications, where high amplitude sinewaves
above 100kHz are sampled, the CONV signal must have as
little jitter as possible (10ps or less). The square wave
output of a common crystal clock module usually meets
this requirement easily. The challenge is to generate a CONV
signal from this crystal clock without jitter corruption from
other digital circuits in the system. A clock divider and any
gates in the signal path from the crystal clock to the CONV
input should not share the same integrated circuit with
other parts of the system. As shown in the interface circuit
examples, the LTC1402’s SCK and CONV inputs should be
driven first with digital buffers used to drive the serial port
interface. Also note that the master clock in the DSP may
already be corrupted with jitter, even if it comes directly
from the DSP crystal. Another problem with high speed
processor clocks is that they often use a low cost, low
speed crystal (i.e., 10MHz) to generated a fast, but jittery,
phase locked loop system clock (i.e., 40MHz). The jitter, in
these PLL-generated high speed clocks, can be several
nanoseconds. Note that if you choose to use the frame
sync signal generated by the DSP port, this signal will have
the same jitter of the DSP’s master clock.
SERIAL TO PARALLEL CONVERSION
You can take advantage of the serial interface of the LTC1402
in a parallel data system to minimize bus wiring conges-
tion in the PC board layout. Figure 13 shows an example
of this interface. It is best to send the SCK and CONV
signals to the LTC1402, and then bus them together across
the board to avoid excessive time skew among the three
signals. It is usually not necessary to buffer DOUT, if the PC
track is not too long. Buffering SCK and CONV prevents
jitter from corrupting these signals. The relative phase
between SCK and CONV affects the position of the parallel
word at the output of the 74HC595. The position of the
output word in Figure 13 assumes 16 clocks between each
CONV rising edge, and the CONV pulse is one clock wide.
Figure 13. Serial to Parallel Interface
SRCLR
QA
QB
QC
QD
QE
QF
QG
RCK
SRCK
SER
G
QH
QH
15
1
2
3
4
5
6
12
10
10
11
14
13
7
9
SRCLR
QA
QB
QC
QD
QE
QF
QG
RCK
74ACT04
SRCK
SER
74HC595
74HC595
G
11
5V
16
15
10
9
3-WIRE SERIAL
INTERFACE LINK
QH
QH
15
1
2
3
4
5
6
12
11
14
13
1402 F13
7
D0
D1
D2
D3
D4
D5
D7
D8
D9
D10
D11
REFRDY
D6
9
OVDD
CONV
SCK
LTC1402
DOUT
OGND
CONV
CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com